Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39030 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD39030
Description  300 mA very low quiescent current linear regulator IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39030 Datasheet(HTML) 1 Page - STMicroelectronics

  LD39030 Datasheet HTML 1Page - STMicroelectronics LD39030 Datasheet HTML 2Page - STMicroelectronics LD39030 Datasheet HTML 3Page - STMicroelectronics LD39030 Datasheet HTML 4Page - STMicroelectronics LD39030 Datasheet HTML 5Page - STMicroelectronics LD39030 Datasheet HTML 6Page - STMicroelectronics LD39030 Datasheet HTML 7Page - STMicroelectronics LD39030 Datasheet HTML 8Page - STMicroelectronics LD39030 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
November 2015
DocID028649 Rev 1
1/21
This is information on a product in full production.
www.st.com
LD39030
300 mA very low quiescent current linear regulator IC
Datasheet - production data
Features
Input voltage from 1.5 to 5.5 V
Ultra low dropout voltage (300 mV typ. at
300 mA load)
Very low quiescent current (20 µA typ at no
load, 0.03 µA typ in off mode)
Output voltage tolerance: ±0.5 % (A version)
or ± 2.0 % @ 25 °C (standard version)
300 mA guaranteed output current
High PSRR (80 dB@1 kHz, 50 db@100
kHz)
Wide range of output voltages available on
request: from 0.8 V up to 5.0 V in 50 mV
step
Logic-controlled electronic shutdown
Internal soft-start
Optional output voltage discharge feature
Compatible with ceramic capacitor
COUT = 0.47 µF
Internal constant current and thermal
protections
Available in DFN4 1x1
Operating temperature range: -40 °C to
125 °C
Applications
Mobile phones
Tablets
Digital still cameras (DSC)
Cordless phones and similar battery-
powered systems
Portable media players
Description
The LD39030 high accuracy voltage regulator
provides 300 mA of maximum current from an
input voltage ranging from 1.5 V to 5.5 V, with a
typical dropout voltage of 300 mV.
It is available in DFN4 1x1 package, allowing the
maximum space saving.
The device is stabilized with a ceramic capacitor
on the output. The ultra low drop voltage, low
quiescent current and low noise features,
together with the internal soft-start circuit, make
the LD39030 suitable for low power battery-
operated applications.
An enable logic control function puts the
LD39030 in shutdown mode allowing a total
current consumption lower than 0.1 µA. Constant
current and thermal protection are provided.


Similar Part No. - LD39030

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39030SJ STMICROELECTRONICS-LD39030SJ Datasheet
439Kb / 18P
Digital still cameras
06-Feb-2014
LD39030SJ10R STMICROELECTRONICS-LD39030SJ10R Datasheet
439Kb / 18P
Digital still cameras
06-Feb-2014
LD39030SJ126R STMICROELECTRONICS-LD39030SJ126R Datasheet
439Kb / 18P
Digital still cameras
06-Feb-2014
LD39030SJ12R STMICROELECTRONICS-LD39030SJ12R Datasheet
439Kb / 18P
Digital still cameras
06-Feb-2014
LD39030SJ285R STMICROELECTRONICS-LD39030SJ285R Datasheet
439Kb / 18P
Digital still cameras
06-Feb-2014
More results

Similar Description - LD39030

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP122 AD-ADP122 Datasheet
616Kb / 20P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
ADP170 AD-ADP170 Datasheet
538Kb / 20P
300 mA, Low Quiescent Current, CMOS Linear Regulators
REV. B
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
logo
STMicroelectronics
LDBL20 STMICROELECTRONICS-LDBL20 Datasheet
1Mb / 19P
200 mA very low quiescent current linear regulator IC
November 2015 Rev 1
LD39020 STMICROELECTRONICS-LD39020 Datasheet
2Mb / 30P
200 mA very low quiescent current linear regulator IC
15-Jun-2015
logo
Analog Devices
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
logo
STMicroelectronics
LD59030 STMICROELECTRONICS-LD59030 Datasheet
1Mb / 24P
300 mA very low dropout linear regulator IC
30-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com