Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3TR Datasheet(PDF) 60 Page - STMicroelectronics

Part # LSM6DS3TR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3TR Datasheet(HTML) 60 Page - STMicroelectronics

Back Button LSM6DS3TR Datasheet HTML 56Page - STMicroelectronics LSM6DS3TR Datasheet HTML 57Page - STMicroelectronics LSM6DS3TR Datasheet HTML 58Page - STMicroelectronics LSM6DS3TR Datasheet HTML 59Page - STMicroelectronics LSM6DS3TR Datasheet HTML 60Page - STMicroelectronics LSM6DS3TR Datasheet HTML 61Page - STMicroelectronics LSM6DS3TR Datasheet HTML 62Page - STMicroelectronics LSM6DS3TR Datasheet HTML 63Page - STMicroelectronics LSM6DS3TR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 100 page
background image
Register description
LSM6DS3
60/100
DocID026899 Rev 8
9.20
CTRL9_XL (18h)
Linear acceleration sensor control register 9 (r/w).
9.21
CTRL10_C (19h)
Control register 10 (r/w).
Table 70. CTRL9_XL register
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1
Zen_XL
Yen_XL
Xen_XL
SOFT_EN
0(1)
0(1)
Table 71. CTRL9_XL register description
Zen_XL
Accelerometer Z-axis output enable. Default value: 1
(0: Z-axis output disabled; 1: Z-axis output enabled)
Yen_XL
Accelerometer Y-axis output enable. Default value: 1
(0: Y-axis output disabled; 1: Y-axis output enabled)
Xen_XL
Accelerometer X-axis output enable. Default value: 1
(0: X-axis output disabled; 1: X-axis output enabled)
SOFT_EN
Enable soft-iron correction algorithm for magnetometer(1). Default value: 0
(0: soft-iron correction algorithm disabled;
1: soft-iron correction algorithm disabled)
1. This bit is effective if the IRON_EN bit of MASTER_CONFIG (1Ah) is set to 1.
Table 72. CTRL10_C register
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
Zen_G
Yen_G
Xen_G
FUNC_EN
PEDO_RST
_STEP
SIGN_
MOTION_EN
Table 73. CTRL10_C register description
Zen_G
Gyroscope yaw axis (Z) output enable. Default value: 1
(0: Z-axis output disabled; 1: Z-axis output enabled)
Yen_G
Gyroscope roll axis (Y) output enable. Default value: 1
(0: Y-axis output disabled; 1: Y axis output enabled)
Xen_G
Gyroscope pitch axis (X) output enable. Default value: 1
(0: X-axis output disabled; 1: X-axis output enabled)
FUNC_EN
Enable embedded functionalities (pedometer, tilt, significant motion, sensor hub
and ironing) and accelerometer HP and LPF2 filters (refer to Figure 6). Default
value: 0
(0: disable functionalities of embedded functions and accelerometer filters;
1: enable functionalities of embedded functions and accelerometer filters)
PEDO_RST_
STEP
Reset pedometer step counter. Default value: 0
(0: disabled; 1: enabled)
SIGN_MOTION
_EN
Enable significant motion function. Default value: 0
(0: disabled; 1: enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com