Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3TR Datasheet(PDF) 90 Page - STMicroelectronics

Part # LSM6DS3TR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3TR Datasheet(HTML) 90 Page - STMicroelectronics

Back Button LSM6DS3TR Datasheet HTML 86Page - STMicroelectronics LSM6DS3TR Datasheet HTML 87Page - STMicroelectronics LSM6DS3TR Datasheet HTML 88Page - STMicroelectronics LSM6DS3TR Datasheet HTML 89Page - STMicroelectronics LSM6DS3TR Datasheet HTML 90Page - STMicroelectronics LSM6DS3TR Datasheet HTML 91Page - STMicroelectronics LSM6DS3TR Datasheet HTML 92Page - STMicroelectronics LSM6DS3TR Datasheet HTML 93Page - STMicroelectronics LSM6DS3TR Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 100 page
background image
Embedded functions registers description
LSM6DS3
90/100
DocID026899 Rev 8
11.14
PEDO_THS_REG (0Fh)
Pedometer minimum threshold and internal full-scale configuration register (r/w).
Table 232. PEDO_THS_REG register default values
Table 233. PEDO_THS_REG register description
11.15
SM_THS (13h)
Significant motion configuration register (r/w).
11.16
PEDO_DEB_REG (14h)
Pedometer debounce configuration register (r/w).
PEDO_4G
-
-
THS_
MIN4
THS_
MIN3
THS_
MIN2
THS_
MIN1
THS_
MIN0
PEDO_ 4G
This bit sets the internal full scale used in pedometer functions. Using this bit,
saturation is avoided (e.g. FAST walk).
0: internal full scale = 2 g.
1: internal full scale 4 g (device full_scale @CTRL1_XL must be ≥ 4 g, otherwise
internal full scale is 2 g)
THS_ MIN[4:0]
Configurable minimum threshold. 1LSB = 16 mg @PEDO_4G=0, 1LSB = 32 mg
@PEDO_4G=1
Table 234. SM_THS register
SM_THS_
7
SM_THS_
6
SM_THS_
5
SM_THS_
4
SM_THS_
3
SM_THS_
2
SM_THS_
1
SM_THS_
0
Table 235. SM_THS register description
SM_THS[7:0]
Significant motion threshold. Default value: 00000110
Table 236. PEDO_DEB_REG register default values
DEB_
TIME4
DEB_
TIME3
DEB_
TIME2
DEB_
TIME1
DEB_
TIME0
DEB_
STEP2
DEB_
STEP1
DEB_
STEP0
Table 237. PEDO_DEB_REG register description
DEB_ TIME[4:0]
Debounce time. If the time between two consecutive steps is greater than
DEB_TIME*80ms, the debouncer is reactivated. Default value: 01101
DEB_ STEP[2:0]
Debounce threshold. Minimum number of steps to increment the step counter
(debounce). Default value: 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com