Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3TR Datasheet(PDF) 88 Page - STMicroelectronics

Part # LSM6DS3TR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3TR Datasheet(HTML) 88 Page - STMicroelectronics

Back Button LSM6DS3TR Datasheet HTML 84Page - STMicroelectronics LSM6DS3TR Datasheet HTML 85Page - STMicroelectronics LSM6DS3TR Datasheet HTML 86Page - STMicroelectronics LSM6DS3TR Datasheet HTML 87Page - STMicroelectronics LSM6DS3TR Datasheet HTML 88Page - STMicroelectronics LSM6DS3TR Datasheet HTML 89Page - STMicroelectronics LSM6DS3TR Datasheet HTML 90Page - STMicroelectronics LSM6DS3TR Datasheet HTML 91Page - STMicroelectronics LSM6DS3TR Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 100 page
background image
Embedded functions registers description
LSM6DS3
88/100
DocID026899 Rev 8
11.9
SLAVE2_CONFIG (0Ah)
Third external sensor (Sensor3) configuration register (r/w).
11.10
SLV3_ADD (0Bh)
I2
C slave address of the fourth external sensor (Sensor4) register (r/w).
11.11
SLV3_SUBADD (0Ch)
Address of register on the fourth external sensor (Sensor4) register (r/w).
Table 222. SLAVE2_CONFIG register
Slave2_
rate1
Slave2_
rate0
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
0(1)
Slave2_
numop2
Slave2_
numop1
Slave2_
numop0
Table 223. SLAVE2_CONFIG register description
Slave2_rate[1:0]
Decimation of read operation on Sensor3 starting from the sensor hub trigger.
Default value: 00
(00: no decimation
01: update every 2 samples
10: update every 4 samples
11: update every 8 samples)
Slave2_numop[2:0]
Number of read operations on Sensor3.
Table 224. SLV3_ADD register
Slave3_
add6
Slave3_
add5
Slave3_
add4
Slave3_
add3
Slave3_
add2
Slave3_
add1
Slave3_
add0
r_3
Table 225. SLV3_ADD register description
Slave3_add[6:0]
I2C slave address of Sensor4 that can be read by the sensor hub.
Default value: 0000000
r_3
Read operation on Sensor4 enable. Default value: 0
(0: read operation disabled; 1: read operation enabled)
Table 226. SLV3_SUBADD register
Slave3_
reg7
Slave3_
reg6
Slave3_
reg5
Slave3_
reg4
Slave3_
reg3
Slave3_
reg2
Slave3_
reg1
Slave3_
reg0
Table 227. SLV3_SUBADD register description
Slave3_reg[7:0]
Address of register on Sensor4 that has to be read according to the r_3 bit value
in SLV3_ADD (0Bh). Default value: 00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com