Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3TR Datasheet(PDF) 99 Page - STMicroelectronics

Part # LSM6DS3TR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3TR Datasheet(HTML) 99 Page - STMicroelectronics

Back Button LSM6DS3TR Datasheet HTML 92Page - STMicroelectronics LSM6DS3TR Datasheet HTML 93Page - STMicroelectronics LSM6DS3TR Datasheet HTML 94Page - STMicroelectronics LSM6DS3TR Datasheet HTML 95Page - STMicroelectronics LSM6DS3TR Datasheet HTML 96Page - STMicroelectronics LSM6DS3TR Datasheet HTML 97Page - STMicroelectronics LSM6DS3TR Datasheet HTML 98Page - STMicroelectronics LSM6DS3TR Datasheet HTML 99Page - STMicroelectronics LSM6DS3TR Datasheet HTML 100Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 99 / 100 page
background image
DocID026899 Rev 8
99/100
LSM6DS3
Revision history
100
14
Revision history
Table 271. Document revision history
Date
Revision
Changes
03-Nov-2014
1
Initial release
18-Dec-2014
2
Updated Section 2: Embedded low-power features and subsection
Updated Section 5.4: FIFO and subsections
Added Section 5.4.7: Filter block diagrams
Updated IddLP in Table 4 and TODR in Table 5: Temperature sensor characteristics
Updated Table 16: Registers address map
Revised registers in Section 9: Register description
Updated Table 205: Registers address map - embedded functions
Revised registers in Section 11: Embedded functions registers description
Textual update in Figure 16: LGA-14 2.5x3x0.86 mm 14L package outline and
mechanical data
05-Mar-2015
3
Document status promoted from preliminary to production data
Updated bit 0 in Section 9.79: MD2_CFG (5Fh)
23-Apr-2015
4
Updated Vdd_IO (max) in Table 4: Electrical characteristics
Added D4D_EN bit to Section 9.73: TAP_THS_6D (59h)
Updated Table 181: INT-DUR2 register description
06-May-2015
5
Updated direction of rotation of Y-axis in Figure 1: Pin connections
Updated Table 68: Accelerometer slope and high-pass filter selection and cutoff
frequency
16-Jul-2015
6
Updated chamfer of pin 1 indicator in Figure 1, Figure 13, Figure 14, Figure 15
Added footnote 2 to Table 3: Mechanical characteristics
Updated recommendation to set BDU bit to 1 (CTRL3_C (12h)) in Section 9.52:
FIFO_STATUS1 (3Ah) through Section 9.57: FIFO_DATA_OUT_H (3Fh)
Updated Figure 16: LGA-14 2.5x3x0.86 mm 14L package outline and mechanical data
09-Oct-2015
7
Updated Figure 6: Accelerometer composite filter and Figure 16: LGA-14 2.5x3x0.86
mm 14L package outline and mechanical data
Updated description of HPCF_XL bits in Table 67: CTRL8_XL register description
Added Table 69: Accelerometer LPF2 cutoff frequency
Added PEDO_THS_REG (0Fh) and PEDO_DEB_REG (14h)
Added Section 13.2: LGA-14 packing information
03-Feb-2016
8
Updated Figure 1: Pin connections and Table 2: Pin description
Updated Table 3: Mechanical characteristics
Updated Table 4: Electrical characteristics
Updated Table 8: Absolute maximum ratings
Updated Figure 6: Accelerometer composite filter
Updated Register description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com