Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041IPAP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041IPAP
Description  Four-Port USB 2.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041IPAP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TUSB4041IPAP Datasheet HTML 16Page - Texas Instruments TUSB4041IPAP Datasheet HTML 17Page - Texas Instruments TUSB4041IPAP Datasheet HTML 18Page - Texas Instruments TUSB4041IPAP Datasheet HTML 19Page - Texas Instruments TUSB4041IPAP Datasheet HTML 20Page - Texas Instruments TUSB4041IPAP Datasheet HTML 21Page - Texas Instruments TUSB4041IPAP Datasheet HTML 22Page - Texas Instruments TUSB4041IPAP Datasheet HTML 23Page - Texas Instruments TUSB4041IPAP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
TUSB4041I
SLLSEK3B – JULY 2015 – REVISED DECEMBER 2015
www.ti.com
8.5.11 Device Configuration Register 2
Offset = Ah
Figure 12. Device Configuration Register 2
7
6
5
4
3
2
1
0
RSVD
customBCfeatu
pwrctlPol
HiCurAcpMode
cpdEN
RSVD
autoModeEnz
RSVD
res
En
R-0
RW-0
RW-X
R/RW-0
R/RW-0
RW-0
RW-X
R-0
Table 13. Device Configuration Register 2 Field Descriptions
Bit
Field
Type
Reset
Description
Reserved
7
RSVD
R
0
Read only, returns 0 when read.
Custom battery charging feature enable
This bit controls the ability to write to the battery charging feature configuration
controls.
0 = The HiCurAcpModeEn and cpdEN bits are read only and the values
6
customBCfeatures
RW
0
are loaded from the OTP ROM.
1 = The HiCurAcpModeEn and cpdEN, bits are R/W and can be loaded
by EEPROM or written by SMBus from this register.
This bit may be written simultaneously with HiCurAcpModeEn and cpdEN.
Power enable polarity
This bit is loaded at the deassertion of reset with the value of the
PWRCTL_POL pin.
0 = PWRCTL polarity is active low.
5
pwrctlPol
RW
X
1 = PWRCTL polarity is active high.
When the TUSB4041I device is in I2C mode, the TUSB4041I device loads this
bit from the contents of the EEPROM.
When the TUSB4041I device is in SMBUS mode, the value may be
overwritten by an SMBus host.
High-current ACP mode enable
This bit enables the high-current tablet charging mode when the automatic
battery charging mode is enabled for downstream ports.
0 = High-current divider mode disabled. Legacy current divider mode
4
HiCurAcpModeEn
R/RW
0
enabled.
1 = High-current divider mode enabled
This bit is read only unless the customBCfeatures bit is set to 1. If
customBCfeatures is 0, the value of this bit reflects the value of the
OTP ROM HiCurAcpModeEn bit.
Enable device attach detection
This bit enables device attach detection (such as a cell-phone detect) when
auto mode is enabled.
0 = Device attach detect is disabled in auto mode.
3
cpdEN
RRW
0
1 = Device attach detect is enabled in auto mode.
This bit is read only unless the customBCfeatures bit is set to 1. If
customBCfeatures is 0, the value of this bit reflects the value of the OTP ROM
cpdEN bit.
2
RSVD
RW
0
Reserved
20
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TUSB4041I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com