Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041IPAP Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041IPAP
Description  Four-Port USB 2.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041IPAP Datasheet(HTML) 30 Page - Texas Instruments

Back Button TUSB4041IPAP Datasheet HTML 26Page - Texas Instruments TUSB4041IPAP Datasheet HTML 27Page - Texas Instruments TUSB4041IPAP Datasheet HTML 28Page - Texas Instruments TUSB4041IPAP Datasheet HTML 29Page - Texas Instruments TUSB4041IPAP Datasheet HTML 30Page - Texas Instruments TUSB4041IPAP Datasheet HTML 31Page - Texas Instruments TUSB4041IPAP Datasheet HTML 32Page - Texas Instruments TUSB4041IPAP Datasheet HTML 33Page - Texas Instruments TUSB4041IPAP Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
POPULATE
FOR BC SUPPORT
USB_DM_DN4
USB_DP_DN4
VBUS_DS4
BOARD_3P3V
PWRCTRL4_BATEN4
OVERCUR4Z
DN4_VBUS
C14
0.1 µF
R12
4.7 K
R13
1 M
C15
0.001 µF
TUSB4041I_PAP
U1E
OVERCUR4Z
11
USB_DP_DN4
56
USB_DM_DN4
57
PWRCTL4/BATEN4
64
C13
0.1 µF
USB2_TYPEA
J5
VBUS
1
DM
2
DP
3
GND
4
SHIELD1
5
SHIELD2
6
FB4
220 at 100 MHZ
POPULATE
FOR BC SUPPORT
VBUS_DS3
USB_DP_DN3
USB_DM_DN3
BOARD_3P3V
OVERCUR3Z
PWRCTRL3_BATEN3
DN3_VBUS
FB3
220 at 100 MHz
USB2_TYPEA
J4
VBUS
1
DM
2
DP
3
GND
4
SHIELD1
5
SHIELD2
6
C11
0.001 F
µ
C10
0.1 µF
R10
4.7 K
TUSB4041I_PAP
U1D
PWRCTL3/BATEN3
1
OVERCUR3Z
12
USB_DP_DN3
49
USB_DM_DN3
50
R11
1 M
C12
0.1 F
µ
TUSB4041I
SLLSEK3B – JULY 2015 – REVISED DECEMBER 2015
www.ti.com
9.2.2.4 Downstream Port 3 Implementation
Figure 29. Downstream Port 3 Implementation
The downstream port3 of the TUSB4041I device is connected to a USB2 type A connector. With BATEN3 pin
pulled up, battery charge support is enabled for port 3. If battery charge support is not needed, then uninstall the
pullup resistor on BATEN3.
9.2.2.5 Downstream Port 4 Implementation
Figure 30. Downstream Port 4 Implementation
The downstream port 4 of the TUSB4041I device is connected to a USB2 Type A connector. With BATEN4 pin
pulled up, Battery Charge support is enabled for Port 4. If Battery Charge support is not needed, then uninstall
the pullup resistor on BATEN4.
30
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TUSB4041I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com