Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041IPAP Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041IPAP
Description  Four-Port USB 2.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041IPAP Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB4041IPAP Datasheet HTML 28Page - Texas Instruments TUSB4041IPAP Datasheet HTML 29Page - Texas Instruments TUSB4041IPAP Datasheet HTML 30Page - Texas Instruments TUSB4041IPAP Datasheet HTML 31Page - Texas Instruments TUSB4041IPAP Datasheet HTML 32Page - Texas Instruments TUSB4041IPAP Datasheet HTML 33Page - Texas Instruments TUSB4041IPAP Datasheet HTML 34Page - Texas Instruments TUSB4041IPAP Datasheet HTML 35Page - Texas Instruments TUSB4041IPAP Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
VDD11
VDD33
BOARD_3P3V
BOARD_1P1V
C22
0.1 F
µ
TUSB4041I_PAP
U1G
RSVD
23
RSVD
24
RSVD
26
RSVD
27
NC
28
RSVD
35
RSVD
36
RSVD
38
RSVD
39
NC
40
RSVD
43
RSVD
44
RSVD
46
RSVD
47
RSVD
51
RSVD
52
RSVD
54
RSVD
55
RSVD
58
RSVD
59
RSVD
61
RSVD
62
VDD33
2
VDD33
20
VDD33
31
VDD33
48
C23
10 µF
C19
0.1 F
µ
C20
0.1 F
µ
C28
10 µF
C16
0.1 F
µ
C24
0.1 µF
C17
0.1 F
µ
C26
0.1 µF
C25
0.1 µF
C18
0.1 F
µ
C27
0.1 µF
FB5
220 at 100 MHz
C21
0.1 F
µ
FB6
220 at 100 MHz
R18
4.7 K
TUSB4041I_PAP
U1F
GRSTZ
18
XO
29
XI
30
SDA/SMBDAT
5
SCL/SMBDAT
6
SMBUSZ
7
PWRCTL_POL
9
AUTOENZ/HS_SUSPEND
13
TEST
17
USB_R1
32
R15
9.53 K
0402
1%
C29
1 µF
R16
4.7 K
Y1
24 MHz
C31
18 pF
R14
1M
C30
18 pF
TUSB4041I
SLLSEK3B – JULY 2015 – REVISED DECEMBER 2015
www.ti.com
9.2.2.7 Clock, Reset, and Miscellaneous
The PWRCTL_POL is left unconnected which results in active-high power enable (PWRCTL1, PWRCTL2,
PWRCTL3, and PWRCTL4) for a USB VBUS power switch. The 1-µF capacitor on the GRSTN pin can only be
used if the VDD11 supply is stable before the VDD33 supply. Depending on the supply ramp of the two supplies,
the user may need to adjust the capacitor.
Figure 32. Clock, Reset, and Miscellaneous
9.2.2.8 TUSB4041I Power Implementation
Figure 33. TUSB4041I Power Implementation
32
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TUSB4041I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com