Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041IPAP Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041IPAP
Description  Four-Port USB 2.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041IPAP Datasheet(HTML) 23 Page - Texas Instruments

Back Button TUSB4041IPAP Datasheet HTML 19Page - Texas Instruments TUSB4041IPAP Datasheet HTML 20Page - Texas Instruments TUSB4041IPAP Datasheet HTML 21Page - Texas Instruments TUSB4041IPAP Datasheet HTML 22Page - Texas Instruments TUSB4041IPAP Datasheet HTML 23Page - Texas Instruments TUSB4041IPAP Datasheet HTML 24Page - Texas Instruments TUSB4041IPAP Datasheet HTML 25Page - Texas Instruments TUSB4041IPAP Datasheet HTML 26Page - Texas Instruments TUSB4041IPAP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
TUSB4041I
www.ti.com
SLLSEK3B – JULY 2015 – REVISED DECEMBER 2015
8.5.14 Language ID LSB Register
Offset = 20h, reset = 09h
Figure 15. Language ID LSB Register
7
6
5
4
3
2
1
0
langIdLsb[7:4]
langIdLsb[3]
langIdLsb[2:1]
langIdLsb[0]
R/RW-0
R/RW-1
R/RW-0
R/RW-1
Table 16. Language ID LSB Register Field Descriptions
Bit
Field
Type
Reset
Description
7:4
langIdLsb[7:4]
R/RW
0
Language ID least significant byte
3
langIdLsb[3]
R/RW
1
This register contains the value returned in the LSB of the LANGID code in string
index 0. The TUSB4041I device only supports one language ID. The default
2:1
langIdLsb[2:1]
R/RW
0
value of this register is 09h representing the LSB of the LangID 0409h indicating
English United States.
0
langIdLsb[0]
R/RW
1
When the customStrings bit is set to 1, this field may be overwritten by the
contents of an attached EEPROM or by an SMBus host.
8.5.15 Language ID MSB Register
Offset = 21h, reset = 04h
Figure 16. Language ID MSB Register
7
6
5
4
3
2
1
0
langIdMsb[7:3]
langIdMsb[2]
langIdMsb[1:0]
R/RW-0
R/RW-1
R/RW-0
Table 17. Language ID MSB Register Field Descriptions
Bit
Field
Type
Reset
Description
7:3
langIdMsb[7:3]
R/RW
0
Language ID most significant byte
2
langIdMsb[2]
R/RW
1
This register contains the value returned in the MSB of the LANGID code in
string index 0. The TUSB4041I device only supports one language ID. The
default value of this register is 04h representing the MSB of the LangID 0409h
indicating English United States.
1:0
langIdMsb[1:0]
R/RW
0
When the customStrings bit is set to 1, this field may be overwritten by the
contents of an attached EEPROM or by an SMBus host.
8.5.16 Serial Number String Length Register
Offset = 22h
Figure 17. Serial Number String Length Register
7
6
5
4
3
2
1
0
RSVD
serNumStringL
serNumStringLen[4:3]
serNumStringLen[2:0]
en[5]
R-0
R/RW-0
R/RW-1
R/RW-0
Table 18. Serial Number String Length Register Field Descriptions
Bit
Field
Type
Reset
Description
Reserved
7:6
RSVD
R
0
Read only, returns 0 when read.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: TUSB4041I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com