Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041IPAPQ1 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041IPAPQ1
Description  Four-Port USB 2.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041IPAPQ1 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB4041IPAPQ1 Datasheet HTML 15Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 16Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 17Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 18Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 19Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 20Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 21Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 22Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
19
TUSB4041I-Q1
www.ti.com
SLLSEK4B – JULY 2015 – REVISED JANUARY 2016
Product Folder Links: TUSB4041I-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.5.9 Device Removable Configuration Register
Offset = 7h
Figure 10. Device Removable Configuration Register
7
6
5
4
3
2
1
0
customRmbl
RSVD
rmbl[3:0]
RW-0
R-0
RW-X
Table 11. Device Removable Configuration Register Field Descriptions
Bit
Field
Type
Reset
Description
7
customRmbl
RW
0
Custom removable
This bit controls the ability to write to the port removable bits.
0 = rmbl[3:0] are read only, and the values are loaded from the OTP ROM.
1 = rmbl[3:0] are R/W and can be loaded by EEPROM or written by SMBus.
This bit may be written simultaneously with rmbl[3:0].
6:4
RSVD
R
0
Reserved
Read only, returns 0 when read
3:0
rmbl[3:0]
RW
X
Removable
The bits in this field indicate whether a device attached to downstream ports 4
through 1 are removable or permanently attached.
0 = The device attached to the port is not removable.
1 = The device attached to the port is removable.
Each bit corresponds directly to a downstream port n + 1, For example: rmbl0
corresponds to downstream port 1, rmbl1 corresponds to downstream port 2, and
so on.
This field is read only unless the customRmbl bit is set to 1. Otherwise, the value of
this field reflects the inverted values of the OTP ROM non_rmb[3:0] field.
8.5.10 Port Used Configuration Register
Offset = 8h
Figure 11. Port Used Configuration Register
7
6
5
4
3
2
1
0
RSVD
used[3:0]
R-0
RW-1
Table 12. Port Used Configuration Register Field Descriptions
Bit
Field
Type
Reset
Description
7:4
RSVD
R
0
Reserved
Read only
3:0
used[3:0]
RW
1
Used
The bits in this field indicate whether a port is enabled.
0 = The port is disabled.
1 = The port is enabled.
Each bit corresponds directly to a downstream port. For example: used0 corresponds
to downstream port 1, used1 corresponds to downstream port 2, and so on. All
combinations are supported with the exception of both ports 1 and 3 marked as
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com