Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041IPAPQ1 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041IPAPQ1
Description  Four-Port USB 2.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041IPAPQ1 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TUSB4041IPAPQ1 Datasheet HTML 31Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 32Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 33Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 34Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 35Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 36Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 37Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 38Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
35
TUSB4041I-Q1
www.ti.com
SLLSEK4B – JULY 2015 – REVISED JANUARY 2016
Product Folder Links: TUSB4041I-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
Use the layout guidelines listed in this section for proper PCB layout design.
11.1.1 Placement
•
Place a 9.53-k
Ω ±1% resistor connected to pin USB_R1 as close as possible to the TUSB4041I-Q1 device.
•
Place a 0.1-µF capacitor as close as possible on each VDD and VDD33 power pin.
•
The ESD and EMI protection devices (if used) should also be placed as close as possible to the USB
connector.
•
If a crystal is used, it must be placed as close as possible to the XI and XO pins of the TUSB4041I-Q1
device.
•
Place voltage regulators as far away as possible from the TUSB4041I-Q1 device, the crystal, and the
differential pairs.
•
In general, the user should place the large bulk capacitors associated with each power rail as close as
possible to the voltage regulators.
11.1.2 Package Specific
•
The TUSB4041I-Q1 device package has a 0.5-mm pin pitch.
•
The TUSB4041I-Q1 device package has a 4.64-mm × 4.64-mm thermal pad. This thermal pad must be
connected to ground through a system of vias.
•
Solder mask all vias under device, except for those connected to the thermal pad, to avoid any potential
issues with thermal pad layouts.
11.1.3 Differential Pairs
This section describes the layout recommendations for all the TUSB4041I-Q1 device differential pairs:
USB_DP_XX, USB_DM_XX.
•
The differential pairs must be designed with a differential impedance of 90
Ω ± 10%.
•
To minimize crosstalk, TI recommends to keep high-speed signals away from each other. Each pair should
be separated by at least 5 times the signal trace width. Separating with ground as depicted in the layout
example also helps minimize crosstalk.
•
Route all differential pairs on the same layer adjacent to a solid ground plane.
•
Do not route differential pairs over any plane split.
•
Adding test points causes impedance discontinuity and therefore negatively impacts signal performance. If
test points are used, place them in series and symmetrically. Do not place them in a manner that causes stub
on the differential pair.
•
Avoid 90° turns in trace. Keep the use of bends in differential traces to a minimum. When bends are used, the
number of left and right bends should be as equal as possible and the angle of the bend should be
≥135°.
This guideline minimizes any length mismatch caused by the bends and therefore minimize the impact bends
have on EMI.
•
Minimize the trace lengths of the differential pair traces. Eight inches is the maximum recommended trace
length for USB 2.0 differential pair signals. Longer trace lengths require very careful routing to assure proper
signal integrity.
•
Match the etch lengths of the differential pair traces (that is DP and DM). The USB 2.0 differential pairs
should not exceed 50 mils relative trace length difference.
•
Minimize the use of vias in the differential pair paths as much as possible. If this is not practical, make sure
that the same via type and placement are used for both signals in a pair. Place any vias used as close as
possible to the TUSB4041I-Q1 device.
•
To ease routing of the USB 2.0 DP and DM pair, the polarity of these pins can be swapped. If this is done,
set the appropriate Px_usb2pol register, where x = 0, 1, 2, 3, or 4.
•
Do not place power fuses across the differential pair traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com