Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041IPAPQ1 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041IPAPQ1
Description  Four-Port USB 2.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041IPAPQ1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB4041IPAPQ1 Datasheet HTML 18Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 19Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 20Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 21Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 22Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 23Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 24Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 25Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
22
TUSB4041I-Q1
SLLSEK4B – JULY 2015 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TUSB4041I-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table 14. USB 2.0 Port Polarity Control Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2
p2_usb2pol
R/RW
0
Downstream port 2 DM/DP polarity
This bit controls the polarity of the port.
0 = USB 2.0 port polarity is as shown in the pinout.
1 = USB 2.0 port polarity is swapped from that shown in the pinout (that is, DM
becomes DP, and DP becomes DM).
This bit is read only unless the customPolarity bit is set to 1. If customPolarity is 0, the
value of this bit reflects the value of the OTP ROM p2_usb2pol bit.
1
p1_usb2pol
RRW
0
Downstream port 1 DM/DP polarity
This bit controls the polarity of the port.
0 = USB 2.0 port polarity is as shown in the pinout.
1 = USB 2.0 port polarity is swapped from that shown in the pinout (that is, DM
becomes DP, and DP becomes DM).
This bit is read only unless the customPolarity bit is set to 1. If customPolarity is 0, the
value of this bit reflects the value of the OTP ROM p1_usb2pol bit.
0
p0_usb2pol
R/RW
0
Upstream port DM/DP polarity
This bit controls the polarity of the port.
0 = USB 2.0 port polarity is as shown in the pinout.
1 = USB 2.0 port polarity is swapped from that shown in the pinout (that is, DM
becomes DP, and DP becomes DM).
This bit is read only unless the customPolarity bit is set to 1. If customPolarity is 0, the
value of this bit reflects the value of the OTP ROM p0_usb2pol bit.
8.5.13 UUID Byte N Register
Offset = 10h-1Fh
Figure 14. UUID Byte N Register
7
6
5
4
3
2
1
0
uuidByte[n]
R-X
Table 15. UUID Byte N Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
uuidByte[n]
R
X
UUID byte N
The UUID returned in the Container ID descriptor. The value of this register is
provided by the device and meets the UUID requirements of the Internet
Engineering Task Force (IETF) RFC 4122 A UUID URN Namespace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com