Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041IPAPQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041IPAPQ1
Description  Four-Port USB 2.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041IPAPQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB4041IPAPQ1 Datasheet HTML 6Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 7Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 8Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 9Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 10Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 11Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 12Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 13Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
td2
GRSTz
VDD33
VDD
MISC_IO
td1
tsu_io
thd_io
10
TUSB4041I-Q1
SLLSEK4B – JULY 2015 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TUSB4041I-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
An active reset is required if the VDD33 supply is stable before the VDD11 supply. This active Reset shall meet the 3ms power-up delay
counting from both power supplies being stable to the de-assertion of GRSTz.
(2)
The VDD33 and VDD have no power-on relationship unless GRSTz is only connected to a capacitor to GND. Then VDD must be stable
minimum of 10
μs before the VDD33.
(3)
MISC pins sampled at de-assertion of GRSTz: FULLPWRMGMTz, GANGED, PWRCTL_POL, SMBUSz, BATEN[4:1], and AUTOENz.
7.6 Power-Up Timing Requirements
MIN
NOM
MAX
UNIT
td1
VDD33 stable before VDD stable(1)
See (2)
ms
td2
VDD and VDD33 stable before deassertion of GRSTz
3
ms
tsu_io
Setup for MISC inputs(3) sampled at the deassertion of GRSTz
0.1
µs
thd_io
Hold for MISC inputs(3) sampled at the deassertion of GRSTz
0.1
µs
tVDD33_RAMP
VDD33 supply ramp requirements
0.2
100
ms
tVDD_RAMP
VDD supply ramp requirements
0.2
100
ms
Figure 1. Power-Up Timing Requirements
7.7 Hub Input Supply Current
Typical values measured at TA = 25°C
PARAMETER
VDD33
VDD
UNIT
3.3 V
1.1 V
LOW POWER MODES
Power on (after reset)
2.3
28
mA
Upstream disconnect
2.3
28
mA
Suspend
2.5
33
mA
ACTIVE MODES (US STATE AND DS STATE)
2.0 host / 1 HS device
45
63
mA
2.0 host / 4 HS devices
76
86
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com