Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8941A Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT8941A
Description  Advanced PMU for Rockchip RK2906/RK2918 Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8941A Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT8941A Datasheet HTML 1Page - Active-Semi, Inc ACT8941A Datasheet HTML 2Page - Active-Semi, Inc ACT8941A Datasheet HTML 3Page - Active-Semi, Inc ACT8941A Datasheet HTML 4Page - Active-Semi, Inc ACT8941A Datasheet HTML 5Page - Active-Semi, Inc ACT8941A Datasheet HTML 6Page - Active-Semi, Inc ACT8941A Datasheet HTML 7Page - Active-Semi, Inc ACT8941A Datasheet HTML 8Page - Active-Semi, Inc ACT8941A Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
ACT8941A
Rev 0, 12-Mar-13
- 3 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Innovative PowerTM
Active-Semi Proprietary―For Authorized Recipients and Customers
LDO
LDO
CHGIN
BAT
CURRENT SENSE
VOLTAGE SENSE
4.35V to 6V
AC Adaptor
USB
Li+ Battery
BODY
SWITCH
SDA
System Supply
VSYS
BODY
SWITCH
2.85V
PRE-
CONDITION
110°C
THERMAL
REGULATION
VP2
GP12
SW2
OUT2
OUT2
VP1
GP12
SW1
OUT1
OUT1
To VSYS
TH
OUT7
OUT6
LDO
OUT5
OUT7
OUT6
OUT5
nIRQ
LDO
OUT4
OUT4
INL
REFBP
Reference
ACIN
ISET
VP3
GP3
SW3
OUT3
OUT3
+
CHGLEV
GA
EP
nSTAT
CHARGE STATUS
VSYS
To VSYS
To VSYS
To VSYS
nPBSTAT
PWRHLD
SCL
nRSTO
VSEL
nLBO
1.2V
-
+
LBI
VSYS
BAT
102µA
OUT1
OUT1
OUT1
nPBIN
PUSH BUTTON
VSYS
FUNCTIONAL BLOCK DIAGRAM
ACT8941A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com