Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8941A Datasheet(PDF) 31 Page - Active-Semi, Inc

Part # ACT8941A
Description  Advanced PMU for Rockchip RK2906/RK2918 Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8941A Datasheet(HTML) 31 Page - Active-Semi, Inc

Back Button ACT8941A Datasheet HTML 27Page - Active-Semi, Inc ACT8941A Datasheet HTML 28Page - Active-Semi, Inc ACT8941A Datasheet HTML 29Page - Active-Semi, Inc ACT8941A Datasheet HTML 30Page - Active-Semi, Inc ACT8941A Datasheet HTML 31Page - Active-Semi, Inc ACT8941A Datasheet HTML 32Page - Active-Semi, Inc ACT8941A Datasheet HTML 33Page - Active-Semi, Inc ACT8941A Datasheet HTML 34Page - Active-Semi, Inc ACT8941A Datasheet HTML 35Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
ACT8941A
Rev 0, 12-Mar-13
- 31 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Innovative PowerTM
Active-Semi Proprietary―For Authorized Recipients and Customers
General Description
The ACT8941A features three synchronous, fixed-
frequency,
current-mode
PWM
step
down
converters that achieve peak efficiencies of up to
97%. REG1 and REG2 are capable of supplying up
to 1100mA of output current, while REG3 supports
up to 1200mA. These regulators operate with a
fixed frequency of 2MHz, minimizing noise in
sensitive applications and allowing the use of small
external components.
100% Duty Cycle Operation
Each regulator is capable of operating at up to
100%
duty
cycle.
During
100%
duty-cycle
operation, the high-side power MOSFET is held on
continuously, providing a direct connection from the
input to the output (through the inductor), ensuring
the lowest possible dropout voltage in battery
powered applications.
Synchronous Rectification
REG1, REG2, and REG3 each feature integrated n-
channel
synchronous
rectifiers,
maximizing
efficiency and minimizing the total solution size and
cost by eliminating the need for external rectifiers.
Soft-Start
When enabled, each output voltages tracks an
internal 400μs soft-start ramp, minimizing input
current during startup and allowing each regulator
to power up in a smooth, monotonic manner that is
independent of output load conditions.
Compensation
Each buck regulator utilizes current-mode control
and a proprietary internal compensation scheme to
simultaneously
simplify
external
component
selection and optimize transient performance over
its full operating range. No compensation design is
required; simply follow a few simple guidelines
described
below
when
choosing
external
components.
Input Capacitor Selection
The input capacitor reduces peak currents and
noise induced upon the voltage source. A 4.7μF
ceramic capacitor is recommended for each
regulator in most applications.
Output Capacitor Selection
For most applications, 22μF ceramic output
capacitors are recommended for REG1, REG2 and
REG3.
Despite the advantages of ceramic capacitors, care
must be taken during the design process to ensure
stable operation over the full operating voltage and
temperature
range.
Ceramic
capacitors
are
available in a variety of dielectrics, each of which
exhibits different characteristics that can greatly
affect performance over their temperature and
voltage ranges.
Two of the most common dielectrics are Y5V and
X5R. Whereas Y5V dielectrics are inexpensive and
can provide high capacitance in small packages,
their capacitance varies greatly over their voltage
and temperature ranges and are not recommended
for DC/DC applications. X5R and X7R dielectrics
are more suitable for output capacitor applications,
as their characteristics are more stable over their
operating ranges, and are highly recommended.
Inductor Selection
REG1, REG2, and REG3 utilize current-mode
control and a proprietary internal compensation
scheme
to
simultaneously
simplify
external
component
selection
and
optimize
transient
performance over their full operating range. These
devices were optimized for operation with 2.2μH
inductors, although inductors in the 1.5μH to 3.3μH
range can be used. Choose an inductor with a low
DC-resistance, and avoid inductor saturation by
choosing inductors with DC ratings that exceed the
maximum output current by at least 30%.
Configuration Options
Output Voltage Programming
By default, each regulator powers up and regulates
to its default output voltage. Output voltage is
selectable by setting VSEL pin that when VSEL is
low, output voltage is programmed by VSET1[-]
bits, and when VSEL is high, output voltage is
programmed by VSET2[-] bits. However, once the
system is enabled, each regulator's output voltage
may be independently programmed to a different
value, typically in order to minimize the power
consumption of the microprocessor during some
operating modes. Program the output voltages via
the I2C serial interface by writing to the regulator's
VSET1[-] register if VSEL is low or VSET2[-]
register if VSEL is high as shown in Table 6.
Enable / Disable Control
During normal operation, each buck may be
enabled or disabled via the I2C interface by writing
to that regulator's ON[ ] bit. The regulator accept
rising or falling edge of ON[ ] bit as on/off signal. To
enable the regulator, clear ON[ ] to 0 first then set to
STEP-DOWN DC/DC REGULATORS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com