Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8941A Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT8941A
Description  Advanced PMU for Rockchip RK2906/RK2918 Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8941A Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT8941A Datasheet HTML 1Page - Active-Semi, Inc ACT8941A Datasheet HTML 2Page - Active-Semi, Inc ACT8941A Datasheet HTML 3Page - Active-Semi, Inc ACT8941A Datasheet HTML 4Page - Active-Semi, Inc ACT8941A Datasheet HTML 5Page - Active-Semi, Inc ACT8941A Datasheet HTML 6Page - Active-Semi, Inc ACT8941A Datasheet HTML 7Page - Active-Semi, Inc ACT8941A Datasheet HTML 8Page - Active-Semi, Inc ACT8941A Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
- 1 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Innovative PowerTM
Active-Semi Proprietary―For Authorized Recipients and Customers
ACT8941A
Advanced PMU for Rockchip RK2906/RK2918 Processor
FEATURES
• Three Step-Down DC/DC Converters
• Four Low-Dropout Linear Regulators
• Integrated ActivePathTM Charger
• I2CTM Serial Interface
• Advanced Enable/Disable Sequencing Controller
• Minimal External Components
• Tiny 5×5mm TQFN55-40 Package
− 0.75mm Package Height
− Pb-Free and RoHS Compliant
GENERAL DESCRIPTION
The ACT8941A is a complete, cost effective, highly-
efficient ActivePMUTM power management solution,
optimized
for
the
unique
power,
voltage-
sequencing, and control requirements of the
Rockchip RK2906/RK2918 processor. It is ideal for a
wide range of high performance portable handheld
applications such as tablet or pad devices. This device
integrates the ActivePathTM complete battery charging
and management system with seven power supply
channels.
This device features three step-down DC/DC
converters and four low-noise, low-dropout linear
regulators, along with a complete battery charging
solution featuring the advanced ActivePathTM
system-power selection function.
The three DC/DC converters utilize a high-
efficiency, fixed-frequency (2MHz), current-mode
PWM control architecture that requires a minimum
number of external components. Two DC/DCs are
capable of supplying up to 1100mA of output
current, while the third supports up to 1200mA. All
four low-dropout linear regulators are high-
performance, low-noise regulators that supply up to
320mA of output current.
The ACT8941A is available in a compact, Pb-Free
and RoHS-compliant TQFN55-40 package.
TYPICAL APPLICATION DIAGRAM
Rev 0, 12-Mar-13


Similar Part No. - ACT8941A

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8942 ACTIVE-SEMI-ACT8942 Datasheet
111Kb / 2P
Advanced PMU for Amlogic AML8726-M3 Processor
05-Dec-12
ACT8942 ACTIVE-SEMI-ACT8942 Datasheet
830Kb / 44P
Advanced PMU for Amlogic AML8726-M3 Processor
Rev 2, 15-Nov-12
ACT8942QJ133-T ACTIVE-SEMI-ACT8942QJ133-T Datasheet
111Kb / 2P
Advanced PMU for Amlogic AML8726-M3 Processor
05-Dec-12
ACT8942QJ133-T ACTIVE-SEMI-ACT8942QJ133-T Datasheet
830Kb / 44P
Advanced PMU for Amlogic AML8726-M3 Processor
Rev 2, 15-Nov-12
ACT8942QJ233-T ACTIVE-SEMI-ACT8942QJ233-T Datasheet
830Kb / 44P
Advanced PMU for Amlogic AML8726-M3 Processor
Rev 2, 15-Nov-12
More results

Similar Description - ACT8941A

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8891 ACTIVE-SEMI-ACT8891 Datasheet
80Kb / 2P
Advanced PMU for Rockchip RK2918 Processor
05-Dec-11
ACT8899 ACTIVE-SEMI-ACT8899 Datasheet
78Kb / 2P
Advanced PMU for Freescale i.MX53 Processor
05-Dec-11
ACT8931A ACTIVE-SEMI-ACT8931A Datasheet
757Kb / 42P
Advanced PMU for Rockchip RK2928/RK2926 Processors
Rev 3, 29-Nov-12
ACT8939 ACTIVE-SEMI-ACT8939 Datasheet
91Kb / 2P
Advanced PMU for Freescale i.MX53 Processor
05-Dec-11
ACT8942 ACTIVE-SEMI-ACT8942 Datasheet
111Kb / 2P
Advanced PMU for Amlogic AML8726-M3 Processor
05-Dec-12
ACT8942QJ133-T ACTIVE-SEMI-ACT8942QJ133-T Datasheet
111Kb / 2P
Advanced PMU for Amlogic AML8726-M3 Processor
05-Dec-12
ACT8891 ACTIVE-SEMI-ACT8891_14 Datasheet
497Kb / 30P
Advanced PMU for Rockchip RK2918 Processor
Rev 1, 06-Sep-13
ACT8931A ACTIVE-SEMI-ACT8931A_14 Datasheet
756Kb / 43P
Advanced PMU for Rockchip RK2928/RK2926 Processors
Rev 3, 29-Nov-12
ACT8939 ACTIVE-SEMI-ACT8939_14 Datasheet
98Kb / 3P
Advanced PMU for Freescale i.MX53 Processor
15-Aug-13
ACT8942 ACTIVE-SEMI-ACT8942_14 Datasheet
830Kb / 44P
Advanced PMU for Amlogic AML8726-M3 Processor
Rev 2, 15-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com