Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8941A Datasheet(PDF) 11 Page - Active-Semi, Inc

Part # ACT8941A
Description  Advanced PMU for Rockchip RK2906/RK2918 Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8941A Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT8941A Datasheet HTML 7Page - Active-Semi, Inc ACT8941A Datasheet HTML 8Page - Active-Semi, Inc ACT8941A Datasheet HTML 9Page - Active-Semi, Inc ACT8941A Datasheet HTML 10Page - Active-Semi, Inc ACT8941A Datasheet HTML 11Page - Active-Semi, Inc ACT8941A Datasheet HTML 12Page - Active-Semi, Inc ACT8941A Datasheet HTML 13Page - Active-Semi, Inc ACT8941A Datasheet HTML 14Page - Active-Semi, Inc ACT8941A Datasheet HTML 15Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
ACT8941A
Rev 0, 12-Mar-13
- 11 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Innovative PowerTM
Active-Semi Proprietary―For Authorized Recipients and Customers
REGISTER AND BIT DESCRIPTIONS CONT’D
OUTPUT ADDRESS
BIT
NAME
ACCESS
DESCRIPTION
REG2
0x30
[7:6]
-
R
Reserved.
REG2
0x30
[5:0]
VSET1
R/W
Primary Output Voltage Selection. Valid when VSEL is driven
low. See the Output Voltage Programming section for more
information.
REG2
0x31
[7:6]
-
R
Reserved.
REG2
0x31
[5:0]
VSET2
R/W
Secondary Output Voltage Selection. Valid when VSEL is
driven high. See the Output Voltage Programming section for
more information.
REG2
0x32
[7]
ON
R/W
Regulator Enable Bit. Set bit to 1 to enable the regulator, clear
bit to 0 to disable the regulator.
REG2
0x32
[6]
PHASE
R/W
Regulator Phase Control. Set bit to 1 for the regulator to
operate 180° out of phase with the oscillator, clear bit to 0 for
the regulator to operate in phase with the oscillator.
REG2
0x32
[5]
MODE
R/W
Regulator Mode Select. Set bit to 1 for fixed-frequency PWM
under all load conditions, clear bit to 0 to transit to power-
savings mode under light-load conditions.
REG2
0x32
[4:2]
DELAY
R/W
Regulator Turn-On Delay Control. See the REG1, REG2,
REG3 Turn-on Delay
section for more information.
REG2
0x32
[1]
nFLTMSK
R/W
Regulator Fault Mask Control. Set bit to 1 enable fault-
interrupts, clear bit to 0 to disable fault-interrupts.
REG2
0x32
[0]
OK
R
Regulator Power-OK Status. Value is 1 when output voltage
exceeds the power-OK threshold, value is 0 otherwise.
REG3
0x40
[7:6]
-
R
Reserved.
REG3
0x40
[5:0]
VSET1
R/W
Primary Output Voltage Selection. Valid when VSEL is driven
low. See the Output Voltage Programming section for more
information.
REG3
0x41
[7:6]
-
R
Reserved.
REG3
0x41
[5:0]
VSET2
R/W
Secondary Output Voltage Selection. Valid when VSEL is
driven high. See the Output Voltage Programming section for
more information.
REG3
0x42
[7]
ON
R/W
Regulator Enable Bit. Set bit to 1 to enable the regulator, clear
bit to 0 to disable the regulator.
REG3
0x42
[6]
-
R/W
Reserved.
REG3
0x42
[5]
MODE
R/W
Regulator Mode Select. Set bit to 1 for fixed-frequency PWM
under all load conditions, clear bit to 0 to transit to power-
savings mode under light-load conditions.
REG3
0x42
[4:2]
DELAY
R/W
Regulator Turn-On Delay Control. See the REG1, REG2,
REG3 Turn-on Delay
section for more information.
REG3
0x42
[1]
nFLTMSK
R/W
Regulator Fault Mask Control. Set bit to 1 enable fault-
interrupts, clear bit to 0 to disable fault-interrupts.
REG3
0x42
[0]
OK
R
Regulator Power-OK Status. Value is 1 when output voltage
exceeds the power-OK threshold, value is 0 otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com