Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0204DRUTR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0204DRUTR
Description  4-Bits Bidirectional Multi-Voltage Level Translator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0204DRUTR Datasheet(HTML) 3 Page - Texas Instruments

  LSF0204DRUTR Datasheet HTML 1Page - Texas Instruments LSF0204DRUTR Datasheet HTML 2Page - Texas Instruments LSF0204DRUTR Datasheet HTML 3Page - Texas Instruments LSF0204DRUTR Datasheet HTML 4Page - Texas Instruments LSF0204DRUTR Datasheet HTML 5Page - Texas Instruments LSF0204DRUTR Datasheet HTML 6Page - Texas Instruments LSF0204DRUTR Datasheet HTML 7Page - Texas Instruments LSF0204DRUTR Datasheet HTML 8Page - Texas Instruments LSF0204DRUTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
A2
A1
A4
A3
NC
Vref_B
Vref_A
B2
B1
B4
B3
NC
EN
GND
1
14
2
3
4
5
6
7
8
9
10
11
12
13
Vref_A
A1
A2
A3
A4
GND
Vref_B
B1
B2
B3
B4
EN
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Vref_A
A1
A2
A3
A4
NC
GND
Vref_B
B1
B2
B3
B4
NC
EN
LSF0204, LSF0204D
www.ti.com
SLVSCP5D – JULY 2014 – REVISED DECEMBER 2015
5 Description (continued)
The supply voltage (Vpu#) for each channel may be individually set up with a pull up resistor. For example, CH1
may be used in up-translation mode (1.2 V
↔ 3.3 V) and CH2 in down-translation mode (2.5 V ↔ 1.8 V).
When EN is HIGH, the translator switch is on, and the An I/O is connected to the Bn I/O, respectively, allowing
bidirectional data flow between ports. When EN is LOW, the translator switch is off, and a high-impedance state
exists between ports. The EN input circuit is designed to be supplied by Vref_A. EN must be LOW to ensure the
high-impedance state during power-up or power-down.
6 Device Comparison Table
PART
EN
An
Bn
DESCRIPTION
NUMBER
Place all data pins in 3 state mode
LSF0204D
H
Place all data pins in 3 state mode (Hi-Z)
3-state output mode enable
(Hi-Z)
(active Low; referenced to Vref_A)
LSF0204D
L
Input or output
Input or output
LSF0204
H
Input or output
Input or output
3-state output mode enable
Place all data pins in 3 state mode
(active High, referenced to Vref_A)
LSF0204
L
Place all data pins in 3 state mode (Hi-Z)
(Hi-Z)
7 Pin Configuration and Functions
PW Package
YZP Package
14-Pin TSSOP
12-Pin DSBGA
Top View
Top View
RUT Package
RGY Package
12-Pin UQFN
14-Pin VQFN
Top View
Top View
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LSF0204 LSF0204D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com