Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0204DRUTR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0204DRUTR
Description  4-Bits Bidirectional Multi-Voltage Level Translator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0204DRUTR Datasheet(HTML) 11 Page - Texas Instruments

Back Button LSF0204DRUTR Datasheet HTML 7Page - Texas Instruments LSF0204DRUTR Datasheet HTML 8Page - Texas Instruments LSF0204DRUTR Datasheet HTML 9Page - Texas Instruments LSF0204DRUTR Datasheet HTML 10Page - Texas Instruments LSF0204DRUTR Datasheet HTML 11Page - Texas Instruments LSF0204DRUTR Datasheet HTML 12Page - Texas Instruments LSF0204DRUTR Datasheet HTML 13Page - Texas Instruments LSF0204DRUTR Datasheet HTML 14Page - Texas Instruments LSF0204DRUTR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LSF0204, LSF0204D
www.ti.com
SLVSCP5D – JULY 2014 – REVISED DECEMBER 2015
10.3 Feature Description
10.3.1 Support High Speed Translation, Greater than 100 MHz
Allows the LSF family to support more consumer or telecom interfaces (MDIO or SDIO).
10.3.2 Bidirectional Voltage Translation Without DIR Terminal
Minimizes system effort to develop voltage translation for bidirectional interface (PMBus, I2C, or SMbus).
10.3.3 5-V Tolerance on IO Port and 125°C Support
The LSF family, with 5-V tolerance and 125°C support, is flexible and compliant with TTL levels in industrial and
telecom applications.
10.3.4 Channel Specific Translation
The LSF family is able to set up different voltage translation levels on each channel.
10.3.5 Ioff, Partial Power Down Mode
When Vref_A, Vref_B = 0, all of data pins and EN pin are Hi-Z.
EN logic circuit is supplied by Vref_A, once Vref_A power up first and all of data pins are unknown state until Vref_B
and EN ready. No power sequence is required to enable LSF0204 and operate function normally.
10.4 Device Functional Modes
Table 1 lists the device functional modes of the LSF0204x family of devices.
Table 1. Function Table
INPUT EN(1) TERMINAL
FUNCTION
H
An = Bn
L
Hi-Z
(1)
EN is controlled by Vref_A logic levels.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LSF0204 LSF0204D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com