Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0204DRUTR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0204DRUTR
Description  4-Bits Bidirectional Multi-Voltage Level Translator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0204DRUTR Datasheet(HTML) 10 Page - Texas Instruments

Back Button LSF0204DRUTR Datasheet HTML 6Page - Texas Instruments LSF0204DRUTR Datasheet HTML 7Page - Texas Instruments LSF0204DRUTR Datasheet HTML 8Page - Texas Instruments LSF0204DRUTR Datasheet HTML 9Page - Texas Instruments LSF0204DRUTR Datasheet HTML 10Page - Texas Instruments LSF0204DRUTR Datasheet HTML 11Page - Texas Instruments LSF0204DRUTR Datasheet HTML 12Page - Texas Instruments LSF0204DRUTR Datasheet HTML 13Page - Texas Instruments LSF0204DRUTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LSF0204
Vref_A
A1
A2
A3
A4
Vref_B
EN
B1
B2
B3
B4
200 K
Level Converter
LSF0204, LSF0204D
SLVSCP5D – JULY 2014 – REVISED DECEMBER 2015
www.ti.com
10 Detailed Description
10.1 Overview
The LSF Family may be used in level translation applications for interfacing devices or systems operating at
different interface voltages with one another. The LSF Family is ideal for use in applications where an open-drain
driver is connected to the data I/Os. LSF can achieve 100 MHz with the appropriate pull-up resistors and layout.
The LSF Family may also be used in applications where a push-pull driver is connected to the data I/Os.
10.2 Functional Block Diagram
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: LSF0204 LSF0204D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com