Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0204DRUTR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0204DRUTR
Description  4-Bits Bidirectional Multi-Voltage Level Translator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0204DRUTR Datasheet(HTML) 6 Page - Texas Instruments

Back Button LSF0204DRUTR Datasheet HTML 2Page - Texas Instruments LSF0204DRUTR Datasheet HTML 3Page - Texas Instruments LSF0204DRUTR Datasheet HTML 4Page - Texas Instruments LSF0204DRUTR Datasheet HTML 5Page - Texas Instruments LSF0204DRUTR Datasheet HTML 6Page - Texas Instruments LSF0204DRUTR Datasheet HTML 7Page - Texas Instruments LSF0204DRUTR Datasheet HTML 8Page - Texas Instruments LSF0204DRUTR Datasheet HTML 9Page - Texas Instruments LSF0204DRUTR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LSF0204, LSF0204D
SLVSCP5D – JULY 2014 – REVISED DECEMBER 2015
www.ti.com
8.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIK
II = -18 mA, VEN = 0
–1.2
V
IIH
VI = 5 V, VEN = 0
5.0
µA
Leakage from
ICCBA
Vref_B = 3.3 V, Vref_A = 1.8 V, VEN = Vref_A IO = 0, VI = 3.3 V or GND
3.5
µA
Vref_B to Vref_A
Total Current
ICCA + ICCB
(2)
Vref_B = 3.3 V, Vref_A = 1.8 V, VEN = Vref_A IO = 0, VI = 3.3 V or GND
0.2
µA
through GND
IIN
Control pin current
Vref_B = 5.5 V, Vref_A = 4.5 V, VEN = 0 to Vref_A IO = 0
±1
µA
Power Off
Ioff
Vref_B = Vref_A = 0 V, VEN = GND IO = 0, VI = 5 V or GND
±1
µA
Leakage Current
CI(ref_A/B/EN)
VI = 3 V or 0
7
pF
Cio(off)
VO = 3 V or 0, VEN = 0
5.0
6.0
pF
Cio(on)
VO = 3 V or 0, VEN = Vref_A
10.5
13
pF
High-level input
0.7×Vref_
(3)V
IH (EN pin)
Vref_A = 1.5 V to 4.5 V
V
voltage
A
Low-level input
0.3×Vref_
VIL (EN pin)
Vref_A = 1.5 V to 4.5 V
V
voltage
A
High-level input
0.8×Vref_
VIH (EN pin)
Vref_A= 1.0 V to 1.5 V
V
voltage
A
Low-level input
0.3×Vref_
VIL (EN pin)
Vref_A = 1.0 V to 1.5 V
V
voltage
A
Input transition rise
∆t/∆v (EN pin)
or fall rate for EN
10
ns/V
pin
Vref_A = VEN = 3.3 V; Vref_B = 5 V
3
VI = 0, IO = 64 mA
Ω
Vref_A = VEN = 1.8 V; Vref_B = 5 V
4
Vref_A = VEN = 1.0 V; Vref_B = 5 V
9
VI = 0, IO = 32 mA
Ω
Vref_A = VEN = 1.8 V; Vref_B = 5 V
4
ron
(4)
VI = 0, IO = 32 mA , Vref_A = VEN = 2.5 V; Vref_B = 5 V
10
Ω
VI = 1.8 V, IO = 15 mA, Vref_A = VEN = 3.3 V; Vref_B = 5 V
5
Ω
VI = 1.0 V, IO = 10 mA, Vref_A = VEN = 1.8 V; Vref_B = 3.3 V
8
Ω
VI = 0 V, IO = 10 mA, Vref_A = VEN = 1.0 V; Vref_B = 3.3 V
6
Ω
VI = 0 V, IO = 10 mA, Vref_A = VEN = 1.0 V; Vref_B = 1.8 V
6
Ω
(1)
All typical values are at TA = 25°C.
(2)
The actual supply current for LSF0204 is ICCA + ICCB; the leakage from Vref_B to Vref_A can be measured on Vref_A and Vref_B pin
(3)
Enable pin test conditions are for the LSF0204. The enable pin test conditions for LSF0204D are oppositely set.
(4)
Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is
determined by the lowest voltage of the two (A or B) terminals.
8.6 Switching Characteristics: AC Performance (Translating Down, 3.3 V to 1.8 V)
over recommended operating free-air temperature range, Vrev-A = 1.8 V, Vrev-B = 3.3 V, VEN = 1.8 V, Vpu_1 = 3.3 V,
Vpu_2 = 1.8 V, RL = NA, VIH = 3.3 V, VIL = 0 VM = 1.15 V (unless otherwise noted)
CL = 50 pF
CL = 30 pF
CL = 15 pF
PARAMETER
FROM (INPUT)
TO (OUTPUT)
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
tPLH
0.7
5.49
0.5
5.29
0.3
5.19
ns
tPHL
0.9
4.9
0.7
4.7
0.5
4.5
ns
tPLZ
A or B
B or A
13
18
12
16.5
11
15
ns
tPZL
33
45
30
40
23
37
ns
fMAX
50
100
100
MHz
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: LSF0204 LSF0204D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com