Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBCTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STWBCTR
Description  Digital controller for wireless battery charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBCTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STWBCTR Datasheet HTML 3Page - STMicroelectronics STWBCTR Datasheet HTML 4Page - STMicroelectronics STWBCTR Datasheet HTML 5Page - STMicroelectronics STWBCTR Datasheet HTML 6Page - STMicroelectronics STWBCTR Datasheet HTML 7Page - STMicroelectronics STWBCTR Datasheet HTML 8Page - STMicroelectronics STWBCTR Datasheet HTML 9Page - STMicroelectronics STWBCTR Datasheet HTML 10Page - STMicroelectronics STWBCTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
DocID027322 Rev 3
7/36
STWBC
Description
36
Figure 1. STWBC device architecture
Digital Bridge
Controller
Temperature
Protection
Signal & Protocol
Demodulator
STWBC
Digital
controller
Vbus Monitor
Overcurrent
Protection
5V or 3.3V
V input
FOD
Active Object
detector
2x LED
ADC
GPIOs
UART
I2C
Customizable
Topology
specific
Firmware
(including Qi
certification)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com