Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBCTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STWBCTR
Description  Digital controller for wireless battery charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBCTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STWBCTR Datasheet HTML 14Page - STMicroelectronics STWBCTR Datasheet HTML 15Page - STMicroelectronics STWBCTR Datasheet HTML 16Page - STMicroelectronics STWBCTR Datasheet HTML 17Page - STMicroelectronics STWBCTR Datasheet HTML 18Page - STMicroelectronics STWBCTR Datasheet HTML 19Page - STMicroelectronics STWBCTR Datasheet HTML 20Page - STMicroelectronics STWBCTR Datasheet HTML 21Page - STMicroelectronics STWBCTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Electrical characteristics
STWBC
18/36
DocID027322 Rev 3
5.3.1
VOUT external capacitor
The stabilization of the main regulator is achieved by connecting an external capacitor
CVOUT(b) to the VOUT pin. The CVOUT is specified in Section 5.3: Operating conditions.
Care should be taken to limit the series inductance to less than 15 nH.
Figure 7. External capacitor CVOUT
5.3.2
Internal clock sources and timing characteristics
HSI RC oscillator
The HSI RC oscillator parameters are specified under general operating conditions for VDD
and TA.
b. ESR is the equivalent series resistance and ESL is the equivalent inductance.
Table 7. HSI RC oscillator
Symbol
Parameter
Conditions
Min.(1)
1. Data based on characterization results, not tested in production.
Typ.
Max.(1) Unit
fHSI
Frequency
16
MHz
ACCHSI
Accuracy of HSI oscillator
(factory calibrated)(1), (2)
2. Variation referred to fHSI nominal value.
VDD = 3.3 V
TA= 25 ºC
-1%
+1%
%
VDD = 3.3 V
-40 ºC
 TA  105 ºC
-4%
+4%
VDD = 5 V
-40 ºC
 TA  105 ºC
-4%
+4%
tSU(HSI)
HSI oscillator wakeup time
including calibration
1µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com