Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBCTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # STWBCTR
Description  Digital controller for wireless battery charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBCTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STWBCTR Datasheet HTML 18Page - STMicroelectronics STWBCTR Datasheet HTML 19Page - STMicroelectronics STWBCTR Datasheet HTML 20Page - STMicroelectronics STWBCTR Datasheet HTML 21Page - STMicroelectronics STWBCTR Datasheet HTML 22Page - STMicroelectronics STWBCTR Datasheet HTML 23Page - STMicroelectronics STWBCTR Datasheet HTML 24Page - STMicroelectronics STWBCTR Datasheet HTML 25Page - STMicroelectronics STWBCTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Electrical characteristics
STWBC
22/36
DocID027322 Rev 3
Table 12. Current DC characteristics
Symbol
Description
Min.
Typ.
Max.(1) Unit
IOL1
Standard output low level current at 3.3 V and VOL1(2)
1.5
mA
IOL2
Standard output low level current at 5 V and VOL 2(2)
3
IOLhs1
High sink output low level current at 3.3 V and VOL3 (3),(4)
5
IOLhs2
High sink output low level current at 5 V and VOL(3),(4)
7.75
IOH1
Standard output high level current at 3.3 V and VOH1(2)
1.5
IOH2
Standard output high level current at 5 V and VOLH2(2)
3
IOHhs1
High sink output low level current at 3.3 V and VOH3(3), (4)
5
IOHhs2
High sink output low level current at 5 V and VOH3(3), (4)
7.75
ILKg
Input leakage current digital - analog VSS  VIN  VDD(5)
± 1
A
I_lnj
Injection current(6), (7)
±4
mA
I_lnj
Total injection current (sum of all I/O and control pins)(6)
± 20
1. Data based on characterization result, not tested in production.
2. Parameter applicable to signals: GPIO_[0:2], DRIVEOUT[0:3], PWM_AUX.
3. Parameter applicable to signal: SWIM.
4. Parameter applicable to signal: DIGIN [0].
5. Applicable to any digital inputs.
6. Maximum value must never be exceeded.
7. Negative injection current on the ADCIN [7:0] signals (product depending) => SPARE_ADC signals have to avoid since
impact the ADC conversion accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com