Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBCTR Datasheet(PDF) 28 Page - STMicroelectronics

Part # STWBCTR
Description  Digital controller for wireless battery charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBCTR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STWBCTR Datasheet HTML 24Page - STMicroelectronics STWBCTR Datasheet HTML 25Page - STMicroelectronics STWBCTR Datasheet HTML 26Page - STMicroelectronics STWBCTR Datasheet HTML 27Page - STMicroelectronics STWBCTR Datasheet HTML 28Page - STMicroelectronics STWBCTR Datasheet HTML 29Page - STMicroelectronics STWBCTR Datasheet HTML 30Page - STMicroelectronics STWBCTR Datasheet HTML 31Page - STMicroelectronics STWBCTR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Electrical characteristics
STWBC
28/36
DocID027322 Rev 3
5.3.9
10-bit SAR ADC characteristics
The 10-bit SAR ADC oscillator parameters are specified under general operating conditions
for VDDA and TA unless otherwise specified.
ADC accuracy characteristics at VDD/VDDA 3.3 V
Table 15. ADC characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
N
Resolution
10
bit
RADCIN ADC input impedance
1
M
VIN1
Conversion voltage range
for gain x1
01.25(1), (2)
1. Maximum input analog voltage cannot exceed VDDA.
2. Exceeding the maximum voltage on the SPARE_ADC signals for the related conversion scale must be
avoided since the ADC conversion accuracy can be impacted.
Vref
ADC main reference
voltage(3)
3. ADC reference voltage at TA = 25 °C.
1.250
V
Table 16. ADC accuracy characteristics at VDD/VDDA 3.3 V
Symbol
Parameter
Typ.(1)
1. Temperature operating: TA = 25 °C.
Min.(2)
2. Data based on characterization results, not tested in production.
Max.(2)
Unit
|ET|
Total unadjusted error(3), (4), (5)
3. ADC accuracy vs. negative injection current. Injecting negative current on any of the analog input pins
should be avoided as this reduces the accuracy of the conversion being performed on another analog
input. It is recommended a Schottky diode (pin to ground) to be added to standard analog pins which may
potentially inject the negative current. Any positive injection current within the limits specified for
IINJ(PIN)and INJ(PIN) in the I/O port pin characteristic section does not affect the ADC accuracy. The ADC
accuracy parameters may be also impacted exceeding the ADC maximum input voltage VIN1 or VIN2.
4. Results in manufacturing test mode.
5. Data aligned with trimming voltage parameters.
2.8
LSB
|EO|
Offset error(3), (4), (5)
0.3
|EG|
Gain error(3), (4), (5), (6)
6. Gain error evaluation with the two point method.
0.4
EO+G
Offset + gain error(6), (7)
7. Temperature operating range: 0 ºC
 TA  85 ºC.
-8.5
9.3
EO+G
Offset + gain error(6), (8)
8. Temperature operating range: -25 ºC
 TA  105 ºC.
-11
11
EO+G
Offset + gain error(6), (9)
9. Temperature operating range: -40 ºC
 TA  105 ºC.
-14.3
11.3
|ED|
Differential linearity error(1), (2), (3)
0.5
|EL|
Integral linearity error(3), (4), (5)
1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com