Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE345 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE345
Description  Adjustable USB Load Current Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE345 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE345 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACE345
Adjustable USB Load Current Switch
VER 1.2
2
Packaging Type
SOT-23-5
5
4
1
2
3
Ordering information
ACE345 XX
+
H
Recommended Work Conditions
Parameter
Max
Unit
Input Voltage Range
5.5
V
Operating Junction Temperature (TJ) -20~125 ℃
Typical Application
ACE345
SOT-23-5
Description
Function
1
VOUT
Switch Output, the output of power switch
2
GND
Ground
3
ISET
Current limit setting pin. Connecting a resistor (R_Iset) from this pin to ground
will adjust the current limit
4
ON
Control input, enable pin, active high
5
VIN
Supply input voltage
Pb - free
BN : SOT-23-5
Halogen - free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com