Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE345 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE345
Description  Adjustable USB Load Current Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE345 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE345 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACE345
Adjustable USB Load Current Switch
VER 1.2
3
Electrical Characteristics (VIN=5V,TA=25℃.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage Range
Vin
2.6
5.5
V
Quiescent Current
Iq
Active, Vfb=0.65, No
Switching
150
300
uA
Shutdown
1
Switch Rdson
Rdson
Iout=500mA
100
150
m
Ω
Adjustable current limit
Llimit
R_Iset=53K ohm
R_Iset=25K ohm
R_Iset=17K ohm
0.5
1.0
1.5
A
Reverse Voltage Leakage
Current
Irevlk
Vout=5V, Vin=0V
0.1
5
uA
ON Input High Voltage
Vh_on
1.5
V
ON Input Low Voltage
Vl_on
0.4
V
Thermal shutdown Temp
Tsd
155
Setting The Current Limit Threshold
RILIM (KΩ) Typical Current Limit (mA) RILIM (KΩ) Typical Current Limit (mA)
200
138
51
520
180
152
43
612
151
179
30
873
100
266
20
1295
82
324
15.1
1705
68
389



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com