Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE345 Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE345
Description  Adjustable USB Load Current Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE345 Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

  ACE345 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ACE345
Adjustable USB Load Current Switch
VER 1.2
6
Block Diagram
Detailed Description
Operation
The ACE345 is a current limited switch that protects systems and loads which can be damaged or
disrupted by the application of high currents. The core of each device is a 0.10
Ω P-channel MOSFET and
a controller capable of functioning over a wide input operating range of 2.6-5.5V. The controller protects
against system malfunctions through current limiting, undervoltage lockout and thermal shutdown. The
current limit is adjustable from 0.15A to 1.5A through the selection of an external resistor.
On/Off control
The ON pin controls the state of the switch. When ON is high, the switch is in the on state. Activating ON
continuously holds the switch in the on state so long as there is no fault. An undervoltage on VIN or a
junction temperature in excess of 155°C overrides the ON control to turn off the switch. The ACE345 does
not turn off in response to an over current condition but instead remains operating in a constant current
mode so long as ON is active and the thermal shutdown or undervoltage lockout have not activated. The
ON pin control voltage and VIN pin have independent and recommended operating ranges. The ON pin
voltage can be driven by a voltage level higher than the input voltage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com