Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE345 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE345
Description  Adjustable USB Load Current Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE345 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE345 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE345 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE345
Adjustable USB Load Current Switch
VER 1.2
1
Description
The ACE345 is Adjustable USB Load Current Switch Current Limited designed for high-side load
switching applications. The internal current-limiting circuit protects the input supply against large output
short circuit current which may cause the supply to fall out of regulation.
The current limit threshold is programmed with an external resistor from ISET Pin to ground. The
quiescent supply current is typically 150
μA, making the device ideal for portable battery-operated
equipment. In shutdown mode, the supply current decreases to less than 0.1μA.
Additional features include thermal shutdown and constant current output characteristics if current
exceed its current limit
Features
2.5 to 5.5V input voltage range
Controlled turn-on
0.15-1.5A adjustable current limit
+/-6% current limit accuracy
0.1ohm on resistance
Fast current limit response time
Logic Control Shutdown (IQ<1uA)
Thermal shutdown and UVLO
Reverse current blocking
Application
Portable Devices
MID, MP4…
Set top boxes
Notebook and PC mother board
USB supplied Devices
Absolute Maximum Ratings
Parameter
Max
Unit
Max Input Voltage
6
V
Max Operating Junction Temperature(TJ)
125
Ambient Temperature(TA)
-40~85
Maximum Power Dissipation
250
mW
Storage Temperature(TS)
-40~150 ℃
ESD (HBM)
>4000
V
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.


Similar Part No. - ACE345

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE345E ACE-ACE345E Datasheet
459Kb / 11P
Adjustable USB Load Current Switch
VER 1.2
More results

Similar Description - ACE345

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
Precision Load Switch with Adjustable Current Limit
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
Load Switch with Adjustable Current-Limit Control
logo
SHANGHAI BELLING CO., L...
BL2554 BELLING-BL2554 Datasheet
455Kb / 6P
Adjustable USB Load Current Switch
logo
ACE Technology Co., LTD...
ACE345E ACE-ACE345E Datasheet
459Kb / 11P
Adjustable USB Load Current Switch
VER 1.2
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
Precision Load Switch with Adjustable Current Limit
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
Precision Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
Precision Load Switch with Adjustable Current Limit
VER 1.2
logo
AiT Semiconductor Inc.
A4776 AITSEMI-A4776 Datasheet
837Kb / 10P
SWITCH ADJUSTABLE USB LOAD CURRENT SWITCH
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com