Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F6433IPZ Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6433IPZ
Description  Mixed-Signal Microcontrollers
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F6433IPZ Datasheet(HTML) 2 Page - Texas Instruments

  MSP430F6433IPZ Datasheet HTML 1Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 2Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 3Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 4Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 5Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 6Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 7Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 8Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 119 page
background image
MSP430F6438, MSP430F6436, MSP430F6435, MSP430F6433
SLAS720D – AUGUST 2010 – REVISED DECEMBER 2015
www.ti.com
1.3
Description
The TI MSP430™ family of ultra-low-power microcontrollers consists of several devices featuring different
sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes, is optimized to achieve extended battery life in portable measurement applications. The device
features a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to
maximum code efficiency. The digitally controlled oscillator (DCO) allows the device to wake up from low-
power modes to active mode in 3 µs (typical).
The MSP430F643x devices are microcontrollers with an integrated 3.3-V LDO, a high-performance 12-bit
ADC, a comparator, two USCIs, a hardware multiplier, DMA, four 16-bit timers, an RTC module with alarm
capabilities, an LCD driver, and up to 74 I/O pins.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE(2)
MSP430F6438IPZ
LQFP (100)
14 mm × 14 mm
MSP430F6438IZQW
BGA (113)
7 mm × 7 mm
(1)
For the most current device, package, and ordering information, see the Package Option Addendum in
Section 8, or see the TI website at www.ti.com.
(2)
The sizes shown here are approximations. For the package dimensions with tolerances, see the
Mechanical Data in Section 8.
2
Device Overview
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430F6438 MSP430F6436 MSP430F6435 MSP430F6433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com