Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F6433IPZ Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6433IPZ
Description  Mixed-Signal Microcontrollers
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F6433IPZ Datasheet(HTML) 32 Page - Texas Instruments

Back Button MSP430F6433IPZ Datasheet HTML 28Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 29Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 30Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 31Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 32Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 33Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 34Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 35Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 119 page
background image
MSP430F6438, MSP430F6436, MSP430F6435, MSP430F6433
SLAS720D – AUGUST 2010 – REVISED DECEMBER 2015
www.ti.com
5.25 PMM, SVS Low Side
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SVSLE = 0, PMMCOREV = 2
0
nA
I(SVSL)
SVSL current consumption
SVSLE = 1, PMMCOREV = 2, SVSLFP = 0
200
SVSLE = 1, PMMCOREV = 2, SVSLFP = 1
2.0
µA
SVSLE = 1, dVCORE/dt = 10 mV/µs, SVSLFP = 1
2.5
tpd(SVSL)
SVSL propagation delay
µs
SVSLE = 1, dVCORE/dt = 1 mV/µs, SVSLFP = 0
20
SVSLE = 0
→1, SVSLFP = 1
12.5
t(SVSL)
SVSL on/off delay time
µs
SVSLE = 0
→1, SVSLFP = 0
100
5.26 PMM, SVM Low Side
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SVMLE = 0, PMMCOREV = 2
0
nA
I(SVML)
SVML current consumption
SVMLE = 1, PMMCOREV = 2, SVMLFP = 0
200
SVMLE = 1, PMMCOREV = 2, SVMLFP = 1
2.0
µA
SVMLE = 1, dVCORE/dt = 10 mV/µs, SVMLFP = 1
2.5
tpd(SVML)
SVML propagation delay
µs
SVMLE = 1, dVCORE/dt = 1 mV/µs, SVMLFP = 0
20
SVMLE = 0
→1, SVMLFP = 1
12.5
t(SVML)
SVML on or off delay time
µs
SVMLE = 0
→1, SVMLFP = 0
100
5.27 Wake-up Times From Low-Power Modes and Reset
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fMCLK ≥ 4 MHz
3
6.5
Wake-up time from LPM2,
PMMCOREV = SVSMLRRL = n
tWAKE-UP-FAST
LPM3, or LPM4 to active
(where n = 0, 1, 2, or 3),
µs
1 MHz < fMCLK <
4
8.0
mode(1)
SVSLFP = 1
4 MHz
Wake-up time from LPM2,
PMMCOREV = SVSMLRRL = n
tWAKE-UP-SLOW
LPM3 or LPM4 to active
(where n = 0, 1, 2, or 3),
150
165
µs
mode(2)
SVSLFP = 0
Wake-up time from LPM3.5 or
tWAKE-UP-LPM5
2
3
ms
LPM4.5 to active mode(3)
Wake-up time from RST or
tWAKE-UP-RESET
2
3
ms
BOR event to active mode(3)
(1)
This value represents the time from the wake-up event to the first active edge of MCLK. The wake-up time depends on the performance
mode of the low-side supervisor (SVSL) and low-side monitor (SVML). Fastest wake-up times are possible with SVSL and SVML in full
performance mode or disabled when operating in AM, LPM0, and LPM1. Various options are available for SVSL and SVML while
operating in LPM2, LPM3, and LPM4. See the Power Management Module and Supply Voltage Supervisor chapter in the MSP430x5xx
and MSP430x6xx Family User's Guide (SLAU208).
(2)
This value represents the time from the wake-up event to the first active edge of MCLK. The wake-up time depends on the performance
mode of the low-side supervisor (SVSL) and low-side monitor (SVML). In this case, the SVSL and SVML are in normal mode (low
current) mode when operating in AM, LPM0, and LPM1. Various options are available for SVSL and SVML while operating in LPM2,
LPM3, and LPM4. See the Power Management Module and Supply Voltage Supervisor chapter in the MSP430x5xx and MSP430x6xx
Family User's Guide (SLAU208).
(3)
This value represents the time from the wake-up event to the reset vector execution.
32
Specifications
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430F6438 MSP430F6436 MSP430F6435 MSP430F6433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com