Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F6433IPZ Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6433IPZ
Description  Mixed-Signal Microcontrollers
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F6433IPZ Datasheet(HTML) 30 Page - Texas Instruments

Back Button MSP430F6433IPZ Datasheet HTML 26Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 27Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 28Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 29Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 30Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 31Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 32Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 33Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 119 page
background image
MSP430F6438, MSP430F6436, MSP430F6435, MSP430F6433
SLAS720D – AUGUST 2010 – REVISED DECEMBER 2015
www.ti.com
5.21 PMM, Brownout Reset (BOR)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BORH on voltage,
V(DVCC_BOR_IT–)
| dDVCC/dt | < 3 V/s
1.45
V
DVCC falling level
BORH off voltage,
V(DVCC_BOR_IT+)
| dDVCC/dt | < 3 V/s
0.80
1.30
1.50
V
DVCC rising level
V(DVCC_BOR_hys)
BORH hysteresis
60
250
mV
Pulse length required at
tRESET
RST/NMI pin to accept a
2
µs
reset
5.22 PMM, Core Voltage
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Core voltage, active
VCORE3(AM)
2.4 V
≤ DVCC ≤ 3.6 V, 0 mA ≤ I(VCORE) ≤ 21 mA
1.90
V
mode, PMMCOREV = 3
Core voltage, active
VCORE2(AM)
2.2 V
≤ DVCC ≤ 3.6 V, 0 mA ≤ I(VCORE) ≤ 21 mA
1.80
V
mode, PMMCOREV = 2
Core voltage, active
VCORE1(AM)
2 V
≤ DVCC ≤ 3.6 V, 0 mA ≤ I(VCORE) ≤ 17 mA
1.60
V
mode, PMMCOREV = 1
Core voltage, active
VCORE0(AM)
1.8 V
≤ DVCC ≤ 3.6 V, 0 mA ≤ I(VCORE) ≤ 13 mA
1.40
V
mode, PMMCOREV = 0
Core voltage, low-current
VCORE3(LPM)
2.4 V
≤ DVCC ≤ 3.6 V, 0 µA ≤ I(VCORE) ≤ 30 µA
1.94
V
mode, PMMCOREV = 3
Core voltage, low-current
VCORE2(LPM)
2.2 V
≤ DVCC ≤ 3.6 V, 0 µA ≤ I(VCORE) ≤ 30 µA
1.84
V
mode, PMMCOREV = 2
Core voltage, low-current
VCORE1(LPM)
2 V
≤ DVCC ≤ 3.6 V, 0 µA ≤ I(VCORE) ≤ 30 µA
1.64
V
mode, PMMCOREV = 1
Core voltage, low-current
VCORE0(LPM)
1.8 V
≤ DVCC ≤ 3.6 V, 0 µA ≤ I(VCORE) ≤ 30 µA
1.44
V
mode, PMMCOREV = 0
30
Specifications
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430F6438 MSP430F6436 MSP430F6435 MSP430F6433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com