Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F6433IPZ Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6433IPZ
Description  Mixed-Signal Microcontrollers
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F6433IPZ Datasheet(HTML) 4 Page - Texas Instruments

  MSP430F6433IPZ Datasheet HTML 1Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 2Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 3Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 4Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 5Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 6Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 7Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 8Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 119 page
background image
MSP430F6438, MSP430F6436, MSP430F6435, MSP430F6433
SLAS720D – AUGUST 2010 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
1
Device Overview
......................................... 1
5.29
Timer_B, Timer TB0
................................ 33
1.1
Features
.............................................. 1
5.30
Battery Backup
...................................... 33
1.2
Applications
........................................... 1
5.31
USCI (UART Mode)
................................. 34
1.3
Description
............................................ 2
5.32
USCI (SPI Master Mode)
............................ 34
1.4
Functional Block Diagrams
........................... 3
5.33
USCI (SPI Slave Mode)
............................. 36
2
Revision History
......................................... 5
5.34
USCI (I2C Mode)
.................................... 38
3
Device Comparison
..................................... 6
5.35
LCD_B, Recommended Operating Conditions
...... 39
4
Terminal Configuration and Functions
.............. 7
5.36
LCD_B, Electrical Characteristics
................... 40
4.1
Pin Designation – MSP430F6438IPZ,
5.37
12-Bit ADC, Power Supply and Input Range
MSP430F6436IPZ
.................................... 7
Conditions
........................................... 41
4.2
Pin Designation – MSP430F6435IPZ,
5.38
12-Bit ADC, Timing Parameters
.................... 41
MSP430F6433IPZ
.................................... 8
5.39
12-Bit ADC, Linearity Parameters Using an External
4.3
Pin Designation – MSP430F6438IZQW,
Reference Voltage
.................................. 42
MSP430F6436IZQW, MSP430F6435IZQW,
5.40
12-Bit ADC, Linearity Parameters Using AVCC as
MSP430F6433IZQW
................................. 9
Reference Voltage
.................................. 42
4.4
Signal Descriptions
.................................. 10
5.41
12-Bit ADC, Linearity Parameters Using the Internal
5
Specifications
........................................... 17
Reference Voltage
.................................. 42
5.1
Absolute Maximum Ratings
......................... 17
5.42
12-Bit ADC, Temperature Sensor and Built-In VMID 43
5.2
ESD Ratings
........................................ 17
5.43
REF, External Reference
........................... 44
5.3
Recommended Operating Conditions
............... 17
5.44
REF, Built-In Reference
............................. 45
5.4
Active Mode Supply Current Into VCC Excluding
5.45
12-Bit DAC, Supply Specifications
.................. 46
External Current
..................................... 19
5.46
12-Bit DAC, Linearity Specifications
................ 46
5.5
Low-Power Mode Supply Currents (Into VCC)
5.47
12-Bit DAC, Output Specifications
.................. 48
Excluding External Current
.......................... 19
5.48
12-Bit DAC, Reference Input Specifications
........ 49
5.6
Low-Power Mode With LCD Supply Currents (Into
5.49
12-Bit DAC, Dynamic Specifications
................ 49
VCC) Excluding External Current .................... 20
5.50
12-Bit DAC, Dynamic Specifications (Continued)
... 50
5.7
Thermal Resistance Characteristics
................ 21
5.51
Comparator_B
....................................... 51
5.8
Schmitt-Trigger Inputs – General-Purpose I/O
...... 22
5.52
Ports PU.0 and PU.1
................................ 52
5.9
Inputs – Ports P1, P2, P3, and P4
.................. 22
5.53
LDO-PWR (LDO Power System)
................... 53
5.10
Leakage Current – General-Purpose I/O
........... 22
5.54
Flash Memory
....................................... 54
5.11
Outputs – General-Purpose I/O (Full Drive
Strength)
............................................ 22
5.55
JTAG and Spy-Bi-Wire Interface
.................... 54
5.12
Outputs – General-Purpose I/O (Reduced Drive
6
Detailed Description
................................... 55
Strength)
............................................ 23
6.1
Overview
............................................ 55
5.13
Output Frequency – Ports P1, P2, and P3
.......... 23
6.2
CPU
................................................. 55
5.14
Typical Characteristics – Outputs, Reduced Drive
6.3
Instruction Set
....................................... 56
Strength (PxDS.y = 0)
............................... 24
6.4
Operating Modes
.................................... 57
5.15
Typical Characteristics – Outputs, Full Drive
6.5
Interrupt Vector Addresses
.......................... 58
Strength (PxDS.y = 1)
............................... 25
6.6
Memory
.............................................. 59
5.16
Crystal Oscillator, XT1, Low-Frequency Mode
..... 26
6.7
Bootloader (BSL)
.................................... 60
5.17
Crystal Oscillator, XT2
.............................. 27
5.18
Internal Very-Low-Power Low-Frequency Oscillator
6.8
JTAG Operation
..................................... 60
(VLO)
................................................ 28
6.9
Flash Memory (Link to User's Guide)
............... 61
5.19
Internal Reference, Low-Frequency Oscillator
6.10
RAM (Link to User's Guide)
......................... 62
(REFO)
.............................................. 28
6.11
Backup RAM
........................................ 62
5.20
DCO Frequency
..................................... 29
6.12
Peripherals
.......................................... 62
5.21
PMM, Brownout Reset (BOR)
....................... 30
6.13
Input/Output Schematics
............................ 84
5.22
PMM, Core Voltage
................................. 30
6.14
Device Descriptors
................................. 107
5.23
PMM, SVS High Side
............................... 31
7
Device and Documentation Support
.............. 108
5.24
PMM, SVM High Side
............................... 31
7.1
Device Support
..................................... 108
5.25
PMM, SVS Low Side
................................ 32
7.2
Documentation Support
............................ 111
5.26
PMM, SVM Low Side
............................... 32
7.3
Related Links
...................................... 111
5.27
Wake-up Times From Low-Power Modes and
7.4
Community Resources
............................. 112
Reset
................................................ 32
7.5
Trademarks
........................................ 112
5.28
Timer_A, Timers TA0, TA1, and TA2
............... 33
4
Table of Contents
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430F6438 MSP430F6436 MSP430F6435 MSP430F6433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com