Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1670 Datasheet(PDF) 39 Page - Semtech Corporation

Part # GS1670
Description  HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1670 Datasheet(HTML) 39 Page - Semtech Corporation

Back Button GS1670 Datasheet HTML 35Page - Semtech Corporation GS1670 Datasheet HTML 36Page - Semtech Corporation GS1670 Datasheet HTML 37Page - Semtech Corporation GS1670 Datasheet HTML 38Page - Semtech Corporation GS1670 Datasheet HTML 39Page - Semtech Corporation GS1670 Datasheet HTML 40Page - Semtech Corporation GS1670 Datasheet HTML 41Page - Semtech Corporation GS1670 Datasheet HTML 42Page - Semtech Corporation GS1670 Datasheet HTML 43Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 126 page
background image
GS1670 HD/SD SDI Receiver
Data Sheet
53831 - 2
September 2012
39 of 126
4.11 H:V:F Timing Signal Generation
The GS1670 extracts critical timing parameters from the received TRS words.
Horizontal blanking (H), Vertical blanking (V), and Field odd/even (F) timing are output
on the STAT[2:0] pins by default.
Using the H_CONFIG bit in the host interface, the H signal timing can be selected as one
of the following:
1. Active line blanking (H_CONFIG = LOW) - the H output is HIGH for the horizontal
blanking period, including the EAV TRS words.
2. TRS based blanking (H_CONFIG = HIGH) - the H output is set HIGH for the entire
horizontal blanking period as indicated by the H bit in the received TRS signals.
The timing of these signals is shown in the figures below.
NOTE: Both 8-bit and 10-bit TRS words are identified by the device.
Figure 4-5: H:V:F Output Timing - HDTV 20-bit Mode
Figure 4-6: H:V:F Output Timing - HDTV 10-bit Mode
VIDEO ERROR
0111
−
AUDIO ERROR
1000
−
EDH DETECTED
1001
−
CARRIER DETECT
1010
−
RATE_DET
1011
−
NOTE:
Each of the STAT[5:0] pins are configurable individually using the register bits in the host interface; STAT[5:0]_CONFIG (008h/009h).
Table 4-8:Output Signals Available on Programmable Multi-Function Pins (Continued)
Status Signal
Selection Code
Default Output Pin
PCLK
LUMA DATA
CHROMA DATA
H
000
000
3FF
000
000
3FF
V
F
XYZ (SAV)
000
000
3FF
000
000
3FF
XYZ (SAV)
XYZ (EAV)
XYZ (EAV)
000
000
3FF
3FF
000
000
PCLK (HD)
H
V
F
MULTIPLEXED Y’CbCr DATA (HD)
000
000
3FF
3FF
000
000
XYZ (EAV)
MULTIPLEXED Y’CbCr DATA (HD)
H
V
F
PCLK (HD)
H S IGN A L T IM IN G :
H_ C O NF IG = L O W
H _ C ONF IG = H IGH
HVF T IM IN GAT SAV
HVF T IM IN GAT EAV
XYZ (EAV)
XYZ (SAV)
XYZ (SAV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com