Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1670 Datasheet(PDF) 73 Page - Semtech Corporation

Part # GS1670
Description  HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1670 Datasheet(HTML) 73 Page - Semtech Corporation

Back Button GS1670 Datasheet HTML 69Page - Semtech Corporation GS1670 Datasheet HTML 70Page - Semtech Corporation GS1670 Datasheet HTML 71Page - Semtech Corporation GS1670 Datasheet HTML 72Page - Semtech Corporation GS1670 Datasheet HTML 73Page - Semtech Corporation GS1670 Datasheet HTML 74Page - Semtech Corporation GS1670 Datasheet HTML 75Page - Semtech Corporation GS1670 Datasheet HTML 76Page - Semtech Corporation GS1670 Datasheet HTML 77Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 126 page
background image
GS1670 HD/SD SDI Receiver
Data Sheet
53831 - 2
September 2012
73 of 126
4.18.3.6.1 Audio Channel Status Read
AES/EBU ACS data is available separately for each of the channels in a stereo pair. The
GS1670 defaults to reading the first channel of each pair. There are 184 bits in each ACS
packet, which are written to twelve 16-bit right-justified registers in the host interface.
The ACS_USE_SECOND bit (default LOW) selects the second channel in each audio pair
when set HIGH.
Once all of the ACS data for a channel has been acquired, the corresponding ACS_DET
bit is set, and acquisition stops. The ACS data is overwritten with new data when the
ACS_DET bit is cleared in the system.
4.18.3.6.2 Audio Channel Status Regeneration
When the ACS_REGEN bit in the host interface is set HIGH, the audio de-embedder
embeds the 24 bytes of the Audio Channel Status information programmed in the
ACSR[183:0] registers into the 'C' bit of the AES/EBU outputs. The same Audio Channel
Status information is used for all output channels.
In order to apply ACSR data;
• Set the ACS_REGEN bit to logic HIGH
• Write the desired ACSR data to the ACSR registers
• Set the ACS_APPLY bit to HIGH
At the next status boundary, the device outputs the contents of the ACSR registers as
ACS data. This event may occur at a different time for each of the output channels. While
waiting for the status boundary, the device sets the appropriate ACS_APPLY_WAIT[A:D]
flag.
Table 4-23 shows the host interface default settings for the Audio Channel Status block.
The audio de-embedder automatically generates the CRC word.
Table 4-23:Audio Channel Status Information Registers
Name
Description
Default
ACSR[7-0]
Audio channel status block byte 0 set. Used when ACS_REGEN is set HIGH
85h
ACSR[15-8]
Audio channel status block byte 1 set. Used when ACS_REGEN is set HIGH
08h
ACSR[23-16]Audio channel status block byte 2 set. Used when ACS_REGEN is set HIGH
28h (SD) 2Ch (HD)
ACSR[31-24]:
ACSR[183-176]
Audio channel status block data for bytes 3 to 22. Used when ACS_REGEN is set HIGH
00h
ACS_REGEN
Audio channel status regenerate
0
ACS_APPLY
Apply new ACSR data
0
ACS_APPLY_W
AIT[A:D]
Waiting to apply new ACSR data
0
ACS[7-0]:
ACS[183-176]
Audio channel status block data for bytes 0 to 22
00h: 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com