Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1670 Datasheet(PDF) 28 Page - Semtech Corporation

Part # GS1670
Description  HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1670 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button GS1670 Datasheet HTML 24Page - Semtech Corporation GS1670 Datasheet HTML 25Page - Semtech Corporation GS1670 Datasheet HTML 26Page - Semtech Corporation GS1670 Datasheet HTML 27Page - Semtech Corporation GS1670 Datasheet HTML 28Page - Semtech Corporation GS1670 Datasheet HTML 29Page - Semtech Corporation GS1670 Datasheet HTML 30Page - Semtech Corporation GS1670 Datasheet HTML 31Page - Semtech Corporation GS1670 Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 126 page
background image
GS1670 HD/SD SDI Receiver
Data Sheet
53831 - 2
September 2012
28 of 126
Figure 4-1: 27MHz Clock Sources
4.6 Lock Detect
The LOCKED output signal is available by default on the STAT3 output pin, but may be
programmed to be output through any one of the six programmable multi-functional
pins of the device; STAT[5:0].
The LOCKED output signal is set HIGH by the Lock Detect block under the following
conditions:
External Crystal Connection
XTAL1
XTAL2
XTAL1
XTAL2
External Clock Source Connection
16pF
16pF
External
Clock
NC
K6
K6
J6
J6
Notes:
1. Capacitor values listed represent the total capacitance,
including discrete capacitance and parasitic board capacitance.
2.XTAL1 serves as an input, which may alternatively accept a 27MHz clock
source.
Table 4-3:Input Clock Requirements
Parameter
Min
Typ
Max
UOM
Notes
XTAL1 Low Level Input Voltage
(Vil)
−−
20% of VDD_IO
V
3
XTAL1 High Level Input
Voltage (Vih)
80% of VDDIO
−−
V3
XTAL1 Input Slew Rate
2
−−
V/ns
3
XTAL1 to XOUT Prop. Delay
(High to Low)
1.3
1.5
2.3
ns
3
XTAL1 to XOUT Prop. Delay
(Low to High)
1.3
1.6
2.3
ns
3
NOTES:
Valid when the cell is used to buffer an external clock source which is connected to the XTAL1 pin, then nothing should be
connected to the XTAL2 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com