Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1670 Datasheet(PDF) 13 Page - Semtech Corporation

Part # GS1670
Description  HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1670 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button GS1670 Datasheet HTML 9Page - Semtech Corporation GS1670 Datasheet HTML 10Page - Semtech Corporation GS1670 Datasheet HTML 11Page - Semtech Corporation GS1670 Datasheet HTML 12Page - Semtech Corporation GS1670 Datasheet HTML 13Page - Semtech Corporation GS1670 Datasheet HTML 14Page - Semtech Corporation GS1670 Datasheet HTML 15Page - Semtech Corporation GS1670 Datasheet HTML 16Page - Semtech Corporation GS1670 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 126 page
background image
GS1670 HD/SD SDI Receiver
Data Sheet
53831 - 2
September 2012
13 of 126
G7
SMPTE_BYPASS
Input/Output
CONTROL SIGNAL INPUT/OUTPUT
Please refer to the Input/Output Logic parameters in the DC
Electrical Characteristics table for logic level threshold and
compatibility.
Indicates the presence of valid SMPTE data.
When the AUTO/MAN bit in the host interface register is HIGH
(Default), this pin is an OUTPUT. SMPTE_BYPASS is HIGH when the
device locks to a SMPTE compliant input. SMPTE_BYPASS is LOW
under all other conditions.
When the AUTO/MAN bit in the host interface register is LOW, this
pin is an INPUT:
No SMPTE scrambling takes place, and none of the I/O processing
features of the device are available when SMPTE_BYPASS is set
LOW.
When SMPTE_BYPASS is set HIGH, the device carries out SMPTE
scrambling and I/O processing.
When SMPTE_BYPASS and DVB_ASI are both set LOW, the device
operates in Data-Through mode.
G8DVB_ASI
Input/Output
CONTROL SIGNAL INPUT
Please refer to the Input/Output Logic parameters in the DC
Electrical Characteristics table for logic level threshold and
compatibility.
Used to enable/disable DVB-ASI data extraction in manual mode.
When the AUTO/MAN bit in the host interface is LOW, this pin is an
input and when the DVB_ASI pin is set HIGH the device will carry out
DVB_ASI data extraction and processing. The SMPTE_BYPASS pin
must be set LOW. When SMPTE_BYPASS and DVB_ASI are both set
LOW, the device operates in Data-Through mode.
When the AUTO/MAN bit in the host interface is HIGH (default),
DVB-ASI is configured as a status output (set LOW), and DVB-ASI
input streams are not supported or recognized.
H1
BUFF_VDD
Input Power
POWER pin for the serial digital output 50Ω buffer. Connect to 3.3V
DC analog.
H2
BUFF_GND
Input Power
GND pin for the cable driver buffer. Connect to analog GND.
H3
AUDIO_EN/DIS
Input
CONTROL SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Enables or disables audio extraction.
H4
WCLK
Output
48kHz word clock for Audio.
H5
TIM_861
Input
CONTROL SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Used to select CEA-861 timing mode.
When TIM_861 is HIGH, the device outputs CEA 861 timing signals
(HSYNC/VSYNC/DE) instead of H:V:F digital timing signals.
H6
XTAL_OUT
Digital
Output
Buffered 27MHz crystal output. Can be used to cascade the crystal
signal.
Table 1-1:Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com