Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS27 Datasheet(PDF) 5 Page - ASM GmbH

Part # PRAS27
Description  Magnetic Angle Sensor with Analog Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS27 Datasheet(HTML) 5 Page - ASM GmbH

  PRAS27 Datasheet HTML 1Page - ASM GmbH PRAS27 Datasheet HTML 2Page - ASM GmbH PRAS27 Datasheet HTML 3Page - ASM GmbH PRAS27 Datasheet HTML 4Page - ASM GmbH PRAS27 Datasheet HTML 5Page - ASM GmbH PRAS27 Datasheet HTML 6Page - ASM GmbH PRAS27 Datasheet HTML 7Page - ASM GmbH PRAS27 Datasheet HTML 8Page - ASM GmbH PRAS27 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
U2
U2B
U6
I1
I1B
46
CAT-PR/PT-E-11
ASM
www.asm-sensor.com
U2; U2B
Voltage Output
0.5 ... 10 V
Excitation voltage
U2: 18 ... 36 V DC; U2B: 11.5 ... 27 V DC
Excitation current
12 mA typ., 16 mA max.
Output voltage
0.5 ... 10 V DC
Output current
2 mA max.
Measuring rate
1 kHz standard
Stability (temperature)
±50 x 10-6 / °C f.s. (typ.) for 90°...360°
±100 x 10-6 / °C f.s. (typ.) for <90°
Operating temperature
-40 ... +85 °C
Protection
Reverse polarity, short circuit
EMC
EN61326-1:2006
U6/5;U6/8,25
Voltage Output
10 ... 90% ratiometr.
Excitation voltage
5V DC ±10 % / 8.25 V DC ±10 %
Excitation current
8 mA typ., 12 mA max.
Output voltage
10 ... 90 % of the excitation voltage
Output current
2 mA max.
Measuring rate
1 kHz standard
Stability (temperature)
±50 x 10-6 / °C f.s. (typ.) for 90°...360°
±100 x 10-6 / °C f.s. (typ.) for <90°
Operating temperature
-40 ... +85 °C
Protection
Reverse polarity, short circuit
EMC
EN61326-1:2006
I1; I1B
Current Output
4 ... 20 mA, 3 wire
Excitation voltage
I1: 18 ... 36 V DC; I1B: 10 ... 18 V DC
Excitation current
32 mA typ., 36 mA max.
Load resistor
I1: 500 Ω max.; I1B: 250 Ω max.
Output current
4 ... 20 mA
Measuring rate
1 kHz standard
Stability (temperature)
±50 x 10-6 / °C f.s. (typ.) for 90°...360°
±100 x 10-6 / °C f.s. (typ.) for <90°
Operating temperature
-40 ... +85 °C
Protection
Reverse polarity, short circuit
EMC
EN61326-1:2006
Other outputs available on request.
POSIROT®
PRAS
AnalogoutputsU2(B),U6andI1(B)
Output signals
Excitation +
GND
Signal +
Signal Wiring
Output signals
Cable color
Excitation +
brown
Signal
white
GND
blue
Do not connect!
black
Do not connect!
–



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com