Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS27 Datasheet(PDF) 10 Page - ASM GmbH

Part # PRAS27
Description  Magnetic Angle Sensor with Analog Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS27 Datasheet(HTML) 10 Page - ASM GmbH

Back Button PRAS27 Datasheet HTML 2Page - ASM GmbH PRAS27 Datasheet HTML 3Page - ASM GmbH PRAS27 Datasheet HTML 4Page - ASM GmbH PRAS27 Datasheet HTML 5Page - ASM GmbH PRAS27 Datasheet HTML 6Page - ASM GmbH PRAS27 Datasheet HTML 7Page - ASM GmbH PRAS27 Datasheet HTML 8Page - ASM GmbH PRAS27 Datasheet HTML 9Page - ASM GmbH PRAS27 Datasheet HTML 10Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
E
E
F
F
Markierung /
marking
5
6,5
4
,5
6
,5
Sensor /
sensor
15
G
G
H
H
66 -0,1
0
+
2.598 -0.004
0
+
[
]
Ø
10 [.394]
14 [.551]
Nut / notch
Sensor /
sensor
Sensor /
sensor
Markierung /
marking
48 0,05 1.890 0.002
[
]
Ø
PRMAG5Z
PRMAG22
54
CAT-PR/PT-E-11
ASM
www.asm-sensor.com
POSIROT®
Accessories
Position magnets
Dimensions in mm [inch]
Dimensions informative only
For guaranteed dimensions please consult factory
Marking
Sensor
Marking
Notch
Sensor
Sensor
Weight 17 g approx.,
moment of inertia 3 kgmm2
Weight 100 g approx.,
moment of inertia 55 kgmm2
A misalignment of the position magnet
has an effect on the linearity
A misalignment of the position magnet
has an effect on the linearity



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com