Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS27 Datasheet(PDF) 1 Page - ASM GmbH

Part # PRAS27
Description  Magnetic Angle Sensor with Analog Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS27 Datasheet(HTML) 1 Page - ASM GmbH

  PRAS27 Datasheet HTML 1Page - ASM GmbH PRAS27 Datasheet HTML 2Page - ASM GmbH PRAS27 Datasheet HTML 3Page - ASM GmbH PRAS27 Datasheet HTML 4Page - ASM GmbH PRAS27 Datasheet HTML 5Page - ASM GmbH PRAS27 Datasheet HTML 6Page - ASM GmbH PRAS27 Datasheet HTML 7Page - ASM GmbH PRAS27 Datasheet HTML 8Page - ASM GmbH PRAS27 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRAS27
PRMAG ...
10
CAT-PR/PT-E-11
ASM
www.asm-sensor.com
POSIROT®
PRAS27
Magnetic Angle Sensor with Analog Output
Order Code PRAS27
Model name
Measurement range 15 ... 360° in 15° increments
15 / 30 / 45 / ... / 345 / 360
Output (see page 46)
U2/U2B = 0.5 ... 10 V
U6
= 0.5 ... 4.5 V ratiometr.
I1/I1B
= 4 ... 20 mA, 3 wire
Signal characteristics
CW
= Signal increasing CW
CCW
= Signal increasing CCW
Connection
KAB2M = Cable, standard length 2 m
Order example: PRAS27 - 360 - U2 - CW - KAB2M
Magnetic angle sensor 0 - 360°
● Measurement range 0 to 360°
● Protection class IP67
● Analogoutput
● Materialplastic
● Non-contactwithexternalpositionmagnet
● Nowear
● Highshockresistance
●Redundantsecondchannelasoption
Specifications
Outputs
U2/U2B
U6
I1/I1B
Tension 0.5 ... 10 V
Tension 0.5 ... 4.5 V ratiometr.
Current 4 ... 20 mA (3 wire)
Measurement range
0 ... 15° to 0 ... 360° in 15° increments
Resolution
0.03 % (60 ... 360°); 0.1 % (15 ... 45°)
Repeatability
±0.03 % (60 ... 360°); ±0.1 % (15 ... 45°)
Linearity
±0.5 % f.s. (typ.)
Rated distance sensor / magnet
Depending on the position magnet
Protection class
IP67
Signal characteristics
CW, CCW
Material
Plastic
Connection
Cable 5 x 0.25 mm2
Shock
EN60068-2-27:1993, 100 g/11 ms, 100 shocks
Vibration
EN60068-2-6:1995, 20 g 10 Hz-2 kHz, 10 cycles
Order code position magnet (see accessories page 53/54)


Similar Part No. - PRAS27

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS2 ASM-SENSOR-PRAS2 Datasheet
2Mb / 52P
Angle Sensors and Encoders Contents
PRAS20 ASM-SENSOR-PRAS20 Datasheet
2Mb / 52P
Angle Sensors and Encoders Contents
PRAS21 ASM-SENSOR-PRAS21 Datasheet
2Mb / 52P
Angle Sensors and Encoders Contents
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
Magnetic Angle Sensor with Analog Output
PRAS26-15-L1B-CCW ASM-SENSOR-PRAS26-15-L1B-CCW Datasheet
849Kb / 7P
Magnetic Angle Sensor with Analog Output
More results

Similar Description - PRAS27

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
Angle sensor with analog output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
Inclination Sensor with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
Inclination Sensor with Analog Output
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
Magnetic inclination sensor with analog output
PRAS2EX ASM-SENSOR-PRAS2EX Datasheet
708Kb / 8P
Magnetic Angle Sensor with Analog Output
PRAS3EX ASM-SENSOR-PRAS3EX Datasheet
719Kb / 8P
Magnetic Angle Sensor with Analog Output
PRAS5 ASM-SENSOR-PRAS5 Datasheet
767Kb / 16P
Magnetic Angle Sensor with Analog Output
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
Magnetic Angle Sensor with Analog Output
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
Magnetic Angle Sensor with Analog Output
PRDS5 ASM-SENSOR-PRDS5 Datasheet
637Kb / 10P
Magnetic Angle Sensor with Incremental Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com