Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS27 Datasheet(PDF) 7 Page - ASM GmbH

Part # PRAS27
Description  Magnetic Angle Sensor with Analog Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS27 Datasheet(HTML) 7 Page - ASM GmbH

Back Button PRAS27 Datasheet HTML 2Page - ASM GmbH PRAS27 Datasheet HTML 3Page - ASM GmbH PRAS27 Datasheet HTML 4Page - ASM GmbH PRAS27 Datasheet HTML 5Page - ASM GmbH PRAS27 Datasheet HTML 6Page - ASM GmbH PRAS27 Datasheet HTML 7Page - ASM GmbH PRAS27 Datasheet HTML 8Page - ASM GmbH PRAS27 Datasheet HTML 9Page - ASM GmbH PRAS27 Datasheet HTML 10Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Interface J1939
CAN specification
ISO 11898, Basic and Full CAN 2.0 B
Transceiver
24V-compliant, not isolated
Communication profile
SAE J1939
Baud rate
250 kbit/s
Internal temination resistor
120 Ω
Address
Default 247d, configurable
NAMEFields
Arbitrary address capable
1
Yes
Industry group
0
Global
Vehicle system
7Fh (127d)
Non specific
Vehicle system instance
0
Function
FFh (255d)
Non specific
Function instance
0
ECU instance
0
Manufacturer
145h (325d)
Manufacturer ID
Identity number
0nnn
Serial number 21 bit
Parameter Group
Numbers(PGN)
Configuration data
PGN EF00h
Proprietary-A
(PDU1 peer-to-peer)
Process data
PGN FFnnh
Proprietary-B
(PDU2 broadcast);
nn Group Extension (PS)
configurable
ASM
CAT-PR/PT-E-11
51
www.asm-sensor.com
Specifications
Excitation voltage
8 ... 36 V DC
Excitation current
Typ. 15/30 mA for 24/12 V, max. 100 mA
Measuring rate
1 kHz (asynchronous)
Stability (temperature)
±50 x 10-6 / °C f.s.
Repeatability
1 LSB
Operating temperature
-40 ... +105 °C
Protection
Reverse polarity, short circuit
Dielectric strength
1 kV (V AC, 50 Hz, 1 min.)
EMC
EN61326-1:2006
POSIROT®
PRDS
OutputCANSAEJ1939
Description
Angle encoder according to standard SAE J1939. Customer configuration of operating para-
meters by Peer-to-Peer. Process data exchange by Broadcast message. Node-Id distribution
by address claiming (ACL).
View to sensor connector
Signal wiring /
connection
Signal name
Connector pin
Wire color
Shield
1
Black+grey
Excitation +
2
White
GND
3
Brown
CAN-H
4
Green
CAN-L
5
Yellow



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com