Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS26 Datasheet(PDF) 2 Page - ASM GmbH

Part # PRAS26
Description  Magnetic Angle Sensor with Analog Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS26 Datasheet(HTML) 2 Page - ASM GmbH

  PRAS26 Datasheet HTML 1Page - ASM GmbH PRAS26 Datasheet HTML 2Page - ASM GmbH PRAS26 Datasheet HTML 3Page - ASM GmbH PRAS26 Datasheet HTML 4Page - ASM GmbH PRAS26 Datasheet HTML 5Page - ASM GmbH PRAS26 Datasheet HTML 6Page - ASM GmbH PRAS26 Datasheet HTML 7Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Status
Änderungen
Datum
Name
Datum
Name
Gezeichnet
Kontrolliert
Norm
AS M
AUTOMATION
SENSORIK
MESSTECHNIK
ASM GmbH
Am Bleichbach 18-22
D-85452 Moosinning
Tel.: 08123/986-0
Allgemeintoleranzen
Maßstab
BMC:
Benennung
Werkstoff, Halbzeug
CT:
Zeichnungsnummer / Datei
Blatt
Nicht bemaßte
Werkstückkanten
DIN 6784
-0,1
-0,2
+0,1
+0,2
121626_PRAS26 Harg1_101_EMZ.idw
14.05.2013
schindler
1 / 1
A4
ISO
1,5:1
Macromelt OM638 schwarz (ASM00007)
Maßzeichnung / general drawing
2768-mH
PRAS26 Harg1
SG 0047 E 1
Zeichnung ist Eigentum der Firma ASM, Vervielfältigung nur mit Genehmigung
Schutzvermerk nach DIN 34 beachten © Copyright by ASM GmbH
Positionsmagnet /
position magnet
6 [.236]
38
0,05 1.496 .002
[
]
28 [1.102]
4
,1 [
.16
1]
Maße
in mm [inch]
dimension in mm [inch]
9,5 [.374]
48 [1.890]
Ø
R14
[.55
1]
DB-PRAS26-EN-2013-10
2/7
© ASM GmbH
www.asm-sensor.com
POSIROT®
PRAS26
Dimensions
Outline drawing
PRAS26
Weight without cable approx. 8 g.
Dimensions informative only.
For guaranteed dimensions please consult factory.
Marking



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com