Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS26 Datasheet(PDF) 3 Page - ASM GmbH

Part # PRAS26
Description  Magnetic Angle Sensor with Analog Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS26 Datasheet(HTML) 3 Page - ASM GmbH

  PRAS26 Datasheet HTML 1Page - ASM GmbH PRAS26 Datasheet HTML 2Page - ASM GmbH PRAS26 Datasheet HTML 3Page - ASM GmbH PRAS26 Datasheet HTML 4Page - ASM GmbH PRAS26 Datasheet HTML 5Page - ASM GmbH PRAS26 Datasheet HTML 6Page - ASM GmbH PRAS26 Datasheet HTML 7Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
U2B
U6
I1B
2
3
1
DB-PRAS26-EN-2013-10
3/7
© ASM GmbH
www.asm-sensor.com
POSIROT®
PRAS26
SpecificationAnalogOutput
U6
Voltage Output
10 ... 90 % ratiometr.
Excitation voltage
5V DC ±10 %
Excitation current
8 mA typ., 40 mA max.
Output voltage
10 ... 90 % of the excitation voltage
Output current
2 mA max.
Measuring rate
1 kHz standard
Stability (temperature)
±50 x 10-6 / °C f.s. (typ.) for 90° ...360°
±100 x 10-6 / °C f.s. (typ.) for <90°
Operating temperature
-20 ... +85 °C
Protection
Reverse polarity, short circuit
EMC
EN61326-1:2006
Signal wiring
Signal
Plug connection
GND
1
Excitation +
2
Signal
3
U2B
Voltage Output
0.5 ... 10 V
Excitation voltage
11.5 ... 27 V DC
Excitation current
12 mA typ., 20 mA max.
Output voltage
0.5 ... 10 V DC
Output current
2 mA max.
Measuring rate
1 kHz standard
Stability (temperature)
±50 x 10-6 / °C f.s. (typ.) for 90° ...360°
±100 x 10-6 / °C f.s. (typ.) for <90°
Operating temperature
-20 ... +85 °C
Protection
Reverse polarity, short circuit
EMC
EN61326-1:2006
I1B
Current Output
4 ... 20 mA (3 wire)
Excitation voltage
10 ... 18 V DC
Excitation current
32 mA typ., 50 mA max.
Load resistor
200 Ω max.
Output current
4 ... 20 mA
Measuring rate
1 kHz standard
Stability (temperature)
±50 x 10-6 / °C f.s. (typ.) for 90°...360°
±100 x 10-6 / °C f.s. (typ.) for <90°
Operating temperature
-20 ... +85 °C
Protection
Reverse polarity, short circuit
EMC
EN61326-1:2006
Connection
View to sensor
connector
Connector TE3
Excitation +
GND
Signal
Mating connector:
Tyco Electronics,
SlimSeal, Part-Nr.
2106135-3, 3-pin



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com