Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS26 Datasheet(PDF) 5 Page - ASM GmbH

Part # PRAS26
Description  Magnetic Angle Sensor with Analog Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS26 Datasheet(HTML) 5 Page - ASM GmbH

  PRAS26 Datasheet HTML 1Page - ASM GmbH PRAS26 Datasheet HTML 2Page - ASM GmbH PRAS26 Datasheet HTML 3Page - ASM GmbH PRAS26 Datasheet HTML 4Page - ASM GmbH PRAS26 Datasheet HTML 5Page - ASM GmbH PRAS26 Datasheet HTML 6Page - ASM GmbH PRAS26 Datasheet HTML 7Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
J
J
K
K
Sensor /
sensor
Sensor /
sensor
13 [.512]
3,5 [.138]
5 [.197]
Markierung
/ marking
PRMAG20
c
b
c
b
DB-PRAS26-EN-2013-10
5/7
© ASM GmbH
www.asm-sensor.com
POSIROT®
PRAS26
Position magnets
Weight 11 g approx.,
moment of inertia 1.2 kgmm2
A misalignment of the position magnet
has an effect on the linearity
Sensor
Position
magnet
Air gap
[mm]
(a)
Paralle-
lism
[°]
(b)
Errorbyaxialmisalignment
[°]
(c)
0.2 mm
0.5 mm
1 mm
2 mm
3 mm
4 mm
PRAS26
PRMAG20
0 ... 7
0 ... 5
0.1
0.3
0.7
2.0
4.6
–
PRMAG21
0 ... 2
0 ... 5
0.15
0.3
0.9
3.6
9.6
–
PRMAG22
0 ... 10
0 ... 5
0.0
0.0
0.7
1.5
3.8
7.0
Dimensions in mm [inch]
Dimensions informative only.
For guaranteed dimensions please consult factory.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com