Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS26 Datasheet(PDF) 1 Page - ASM GmbH

Part # PRAS26
Description  Magnetic Angle Sensor with Analog Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS26 Datasheet(HTML) 1 Page - ASM GmbH

  PRAS26 Datasheet HTML 1Page - ASM GmbH PRAS26 Datasheet HTML 2Page - ASM GmbH PRAS26 Datasheet HTML 3Page - ASM GmbH PRAS26 Datasheet HTML 4Page - ASM GmbH PRAS26 Datasheet HTML 5Page - ASM GmbH PRAS26 Datasheet HTML 6Page - ASM GmbH PRAS26 Datasheet HTML 7Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRAS26
DB-PRAS26-EN-2013-10
1/7
© ASM GmbH
www.asm-sensor.com
POSIROT®
PRAS26
Magnetic Angle Sensor with Analog Output
Magnetic Angle Sensor 0 - 360°
● Measurement range 0 - 360°
● Protection class IP67
● Analogoutput
● Compact,lowprofilehousing
● Non-contactwithexternalpositionmagnet
● Wearfree
Specifications
Outputs
Current 4 ... 20 mA (3 wire)
Measurement range
0 ... 15° to 0 ... 360° in 15° increments
Resolution
0.03 % (60 ... 360°); 0.1 % (15 ... 45°)
Repeatability
±0.03 % (60 ... 360°); ±0.1 % (15 ... 45°)
Linearity
±0.5 % f.s. (typ.)
Rated distance sensor / magnet
Depending on the position magnet
Protection class
IP67
Signal characteristics
CW, CCW (Characteristics see page 4)
Material
Epoxy glass fiber, thermoplastic
Mounting
Screws M4
Connection
Connector TE3, 3-pin
Shock
EN60068-2-27:2010, 100 g/11 ms, 100 shocks
Vibration
EN60068-2-6:2008, 20 g 10 Hz-2 kHz, 10 cycles
Order code
Model name
Measurement range 15 ... 360° in 15° increments
15 / 30 / 45 / ... / 345 / 360°
Output (see page 3)
U2B
= 0.5 ... 10 V
U6
= 0.5 ... 4.5 V ratiometric
I1B
= 4 ... 20 mA (3 wire)
Signal characteristics (see page 4)
CW
= Signal increasing CW
CCW
= Signal increasing CCW
Connection(see page 3)
TE3
= 3-pin connector, Tyco Electronics, type "SlimSeal"
Order code connector cable see page 7
Orderexample:PRAS26-360-U6-CW-TE3
Voltage 0.5 ... 10 V
Voltage 0.5 ... 4.5 V ratiometric


Similar Part No. - PRAS26

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS2 ASM-SENSOR-PRAS2 Datasheet
2Mb / 52P
Angle Sensors and Encoders Contents
PRAS20 ASM-SENSOR-PRAS20 Datasheet
2Mb / 52P
Angle Sensors and Encoders Contents
PRAS21 ASM-SENSOR-PRAS21 Datasheet
2Mb / 52P
Angle Sensors and Encoders Contents
PRAS27 ASM-SENSOR-PRAS27 Datasheet
648Kb / 10P
Magnetic Angle Sensor with Analog Output
PRAS27-15-L1-CCW-KAB2M ASM-SENSOR-PRAS27-15-L1-CCW-KAB2M Datasheet
648Kb / 10P
Magnetic Angle Sensor with Analog Output
More results

Similar Description - PRAS26

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
Angle sensor with analog output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
Inclination Sensor with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
Inclination Sensor with Analog Output
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
Magnetic inclination sensor with analog output
PRAS27 ASM-SENSOR-PRAS27 Datasheet
648Kb / 10P
Magnetic Angle Sensor with Analog Output
PRAS2EX ASM-SENSOR-PRAS2EX Datasheet
708Kb / 8P
Magnetic Angle Sensor with Analog Output
PRAS3EX ASM-SENSOR-PRAS3EX Datasheet
719Kb / 8P
Magnetic Angle Sensor with Analog Output
PRAS5 ASM-SENSOR-PRAS5 Datasheet
767Kb / 16P
Magnetic Angle Sensor with Analog Output
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
Magnetic Angle Sensor with Analog Output
PRDS5 ASM-SENSOR-PRDS5 Datasheet
637Kb / 10P
Magnetic Angle Sensor with Incremental Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com