Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC221 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC221
Description  Synchronous Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC221 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC221 Datasheet HTML 2Page - Semtech Corporation SC221 Datasheet HTML 3Page - Semtech Corporation SC221 Datasheet HTML 4Page - Semtech Corporation SC221 Datasheet HTML 5Page - Semtech Corporation SC221 Datasheet HTML 6Page - Semtech Corporation SC221 Datasheet HTML 7Page - Semtech Corporation SC221 Datasheet HTML 8Page - Semtech Corporation SC221 Datasheet HTML 9Page - Semtech Corporation SC221 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
SC221 x
Typical Characteristics (Continuous)
Efficiency vs. Load Current
Efficiency vs. V
IN
Efficiency vs. Load Current
(Chip Inductor vs. X-EMITM Inductor)
Load Regulation
Switching Frequency vs. V
IN
Switching Frequency vs. V
IN
0
10
20
30
40
50
60
70
80
90
0.00
0.10
0.20
0.30
0.40
0.50
0.60
Load Current (A)
VOUT = 1.8V
VIN= 2.7V
VIN= 5.5V
VIN= 3.3V
0
10
20
30
40
50
60
70
80
90
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
VOUT = 1.8V
IOUT= 360mA
IOUT = 650mA
IOUT = 40mA
0
10
20
30
40
50
60
70
80
90
0.00
0.10
0.20
0.30
0.40
0.50
0.60
Load Current (A)
VOUT = 1.8V
Solid Lines: Efficiency with X-EMI TM Inductor
Dashed Lines: Efficiency with Chip Inductor
VIN= 2.7V
VIN= 5.5V
VIN= 3.3V
1.77000
1.78000
1.79000
1.80000
1.81000
0.00
0.10
0.20
0.30
0.40
0.50
0.60
Load Current (A)
Nominal VOUT = 1.8V
VIN= 5.5V
VIN= 3.3V
VIN= 2.7V
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
20.00
2.50
3.00
3.50
4.00
4.50
5.00
5.50
Input Voltage (V)
VOUT = 1.8V
Io=200mA
Io=300mA
Io=450mA
Io=650mA
16.60
16.80
17.00
17.20
17.40
17.60
17.80
18.00
18.20
18.40
2.50
3.00
3.50
4.00
4.50
5.00
5.50
Input Voltage (V)
VOUT = 1V
Io=200mA
Io=300mA
Io=450mA
Io=650mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com