Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC221 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC221
Description  Synchronous Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC221 Datasheet(HTML) 1 Page - Semtech Corporation

  SC221 Datasheet HTML 1Page - Semtech Corporation SC221 Datasheet HTML 2Page - Semtech Corporation SC221 Datasheet HTML 3Page - Semtech Corporation SC221 Datasheet HTML 4Page - Semtech Corporation SC221 Datasheet HTML 5Page - Semtech Corporation SC221 Datasheet HTML 6Page - Semtech Corporation SC221 Datasheet HTML 7Page - Semtech Corporation SC221 Datasheet HTML 8Page - Semtech Corporation SC221 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
POWER MANAGEMENT
1
SC221 x
20MHz, 650mA, X-EMI™-Enabled
Synchronous Step-Down Regulator
Features
„
Patented X-EMITM Inductor Technology
„
Enables Trace Inductors in PC Board Material
„
Excellent EMI Performance
„
Efficiency up to 90%
„
17.5µA Quiescent Current under Very Light Loads
„
Wide Input Voltage Range — 2.7V to 5.5V
„
Adjustable Output Voltage Down to 1.0V
„
Output DC Current — up to 650mA
„
High Light-load Efficiency via Automatic PSAVE Mode
„
Ultra-fast Transient Response — <1µs
„
Temperature Range — -40 to +85°C
„
Shutdown Current — 0.1µA (typical)
„
Requires Tiny 220nH Inductor
„
Requires Only 1μF of Output Capacitance
„
External Switching Frequency Synchronization
„
Protection Features Including
„
Over-Current Protection
„
Output Short-Circuit Protection
„
Thermal Shutdown Protection
„
Offered in MLPD-UT 8 Lead Packages
„
Lead-free, Halogen-free, and RoHS/WEEE Compliant
Applications
„
HDTV, Set Top Boxes, Gaming Consoles
„
POL Applications
„
White Goods
Description
The SC221 is a 20MHz X-EMI™(1)-enabled step-down regu-
lator optimized for power low voltage rails from 2.7 to
5.5V input voltage. X-EMI™ inductor technology enables
inductors to be drawn directly on the PC board. This tech-
nology meets or exceeds the EMI performance of chip
inductors and eliminates the need for discrete inductors.
The SC221 uses a unique constant frequency, self-oscil-
lating control loop architecture to provide excellent
transient performance. Under light loads, the device
operates in Power Save mode(PSAVE) maintaining a
typical quiescent current of 17.5µA. At moderate to heavy
loads, this part operates in PWM mode with a constant
switching frequency of 20MHz. This high switching fre-
quency offers the advantages of using small and low cost
external components like a 1µF external capacitor and a
small 220nH inductor (including X-EMITM PCB trace
inductors).
The device provides adjustable output voltages down to
1.0V and an output current up to 650mA. An EN pin can
be used to synchronize to an external source and includes
de-glitching to reduce noise sensitivity.
The SC221 is available in MLPD-UT 8 Lead package.
Note 1: Purchase of SC221 includes royalty-free right to use X-EMITM inductor technology with no addi-
tional cost.
Typical Application Circuit
Revision 2.0
SC221
AGND
SW
VOUT
VIN
L, 220nH
COUT
1 µF
EN
Enable
FB
AVIN
PVIN
CIN
1 µF
R1
R2
PGND
VOUT=1.8V
up to 650mA
2.7~5.5V
© 2016 Semtech Corporation


Similar Part No. - SC221

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SC221 POLYFET-SC221 Datasheet
60Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
VITALCONN ELECTRONICS H...
SC221 VITALCONN-SC221 Datasheet
327Kb / 3P
SFP2*2 CAGECONN
logo
List of Unclassifed Man...
SC22101 ETC1-SC22101 Datasheet
309Kb / 5P
ELECTRICALLY ERASABLE PROGRAMMABLE MEMORIES
SC22101CN ETC1-SC22101CN Datasheet
309Kb / 5P
ELECTRICALLY ERASABLE PROGRAMMABLE MEMORIES
logo
Polyfet RF Devices
SC221 POLYFET-SC221_14 Datasheet
57Kb / 2P
RF POWER VDMOS TRANSISTOR
More results

Similar Description - SC221

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC185 SEMTECH-SC185 Datasheet
946Kb / 18P
4A Synchronous Step-Down Regulator
logo
Linear Technology
LTC3544 LINER-LTC3544_15 Datasheet
298Kb / 16P
Quad Synchronous Step-Down Regulator
LTC3544B LINER-LTC3544B_15 Datasheet
298Kb / 18P
Quad Synchronous Step-Down Regulator
LTC1625 LINER-LTC1625_15 Datasheet
387Kb / 24P
Synchronous Step-Down Switching Regulator
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
4A Synchronous Step-Down Regulator
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
2A Synchronous Step-Down Regulator
logo
Texas Instruments
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
Synchronous Step-Down Voltage Regulator
logo
Bookly Micro electronic
BM1584 BOOKLY-BM1584 Datasheet
5Mb / 8P
Synchronous Step-Down Regulator
BM1588 BOOKLY-BM1588 Datasheet
1Mb / 6P
Synchronous Step-Down Regulator
BM1707 BOOKLY-BM1707 Datasheet
506Kb / 13P
Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com