Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC221 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC221
Description  Synchronous Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC221 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC221 Datasheet HTML 4Page - Semtech Corporation SC221 Datasheet HTML 5Page - Semtech Corporation SC221 Datasheet HTML 6Page - Semtech Corporation SC221 Datasheet HTML 7Page - Semtech Corporation SC221 Datasheet HTML 8Page - Semtech Corporation SC221 Datasheet HTML 9Page - Semtech Corporation SC221 Datasheet HTML 10Page - Semtech Corporation SC221 Datasheet HTML 11Page - Semtech Corporation SC221 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
SC221 x
Typical Characteristics (Continuous)
Start-up Operation
Shutdown Operation
Start-up Operation
Shutdown Operation
EN
2V/div
V
IN
2V/div
V
OUT
1V/div
I
OUT
50mA/div
V
IN = 3.6V, VOUT = 1.8V, IOUT = 20mA
100us/div
V
IN = 3.6V, VOUT = 1.8V, IOUT = 20mA
EN
2V/div
V
IN
2V/div
V
OUT
1V/div
I
OUT
50mA/div
200us/div
V
IN = 3.6V, VOUT = 1.8V, IOUT = 650mA
V
IN = 3.6V, VOUT = 1.8V, IOUT = 650mA
EN
2V/div
V
IN
2V/div
V
OUT
1V/div
I
OUT
500mA/div
200us/div
EN
2V/div
V
IN
2V/div
V
OUT
1V/div
I
OUT
500mA/div
200us/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com