Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC221 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC221
Description  Synchronous Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC221 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC221 Datasheet HTML 6Page - Semtech Corporation SC221 Datasheet HTML 7Page - Semtech Corporation SC221 Datasheet HTML 8Page - Semtech Corporation SC221 Datasheet HTML 9Page - Semtech Corporation SC221 Datasheet HTML 10Page - Semtech Corporation SC221 Datasheet HTML 11Page - Semtech Corporation SC221 Datasheet HTML 12Page - Semtech Corporation SC221 Datasheet HTML 13Page - Semtech Corporation SC221 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
SC221 x
The high-side switch is then held off for a period sufficient
to allow inductor current to decay. When the output
voltage is close to the nominal regulation point, this will
look similar to constant current limiting. As the output
voltage falls, imposed off-time is such that the frequency
will drop so that the inductor will have appropriate time
to reset. This may cause the average current to reduce,
giving a mild ‘fold-back’ characteristic to the current limit,
where the average load current drops as the output
voltage collapses (although the peak current maintains its
nominal value). In a short-circuit condition, the system
runs continuously at this reduced frequency.
Load Transient Response
The SC221 features excellent regulation during line and
load transients. This is due to the nature of the proprietary
control method and the high di/dt allowed by the use of a
small inductor. This allows for best performance while
providing the benefit of using a small low cost output
capacitor. V
OUT shows only tens of milivolts of ripple
voltage during a load current step change of 1mA to
650mA within hundreds of nanoseconds, using a 1μF
output capacitor. (See the typical performance curves on
page 7).
X-EMI™ Inductor Technology
The SC221 is the industry’s first buck regulator that enables
designers to draw their own inductors directly on the PC
board. This patented technology is called as X-EMI™
inductor technology and is different from conventional
PCB trace inductors. Conventional PCB trace inductors can
be used with high-frequency switchers, but they exhibit
significant EMI issues. X-EMI™ inductor technology solves
these EMI problems and can meet or exceed the EMI per-
formance of conventional chip inductors.
X-EMITM technology works by placing two small air-core
inductors adjacent to one another in anti-phase position,
where the magnetic fields of each inductor partially cancel
one another to reduce EMI. The net flux from the two
inductors, partially cancels the wide leakage paths caused
by the wide geometry, while still storing the energy of the
inductors in series. This approach uses multiple air core
inductors implemented using printed circuit traces.
Because these traces may be located on internal layers of
the PCB, inductors can be designed with almost no impact
on the available PCB area for components on the surface
of the board. (See the efficiency curves using X-EMI™
inductor technology on page 6).
External Components
The input and output capacitors used for the operation of
the SC221 should be multilayer ceramic capacitors, prefer-
ably with X7R or X5R dielectric. SC221 is optimized to
operate with the input and output capacitance of 1μF
typical. In practice, the self-resonant frequency of surface
mount capacitors of this type is well below 20MHz ripple
frequency, so efforts to minimize output ripple may best
be focused on minimizing the inductance of the output
capacitor and the length of the circuit path to ground
rather than on increasing the capacitance value of the
output capacitor.
The inductor should be a high current inductor rated for
currents at least up to 1A. Typical power inductors may be
too lossy at 20MHz unless specifically designed for high
frequency operation. For inductor value of 220nH, it may
be preferred to use wire-wound RF chokes, many of which
are rated for appropriate currents.
Some Recommended External Components
Value
Manufacturer
Part Number
Package
L
0.22μH
Coilcraft
XFL2005-221ME
2x2mm
0.24μH
Coilcraft
0603LS-241XJL
0603
0.22μH
Wurth
Elektronik
74479762122
0603
CIN
1μF
Murata
GRM155R61C105KA12
0402
COUT
1μF
Murata
GRM155R61C105KA12
0402
Applications Information (Cont.)
Figure 1. Top view of an evaluation board with X-EMI inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com