Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC563 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC563
Description  Dual Output 300mA LDO Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC563 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC563 Datasheet HTML 8Page - Semtech Corporation SC563 Datasheet HTML 9Page - Semtech Corporation SC563 Datasheet HTML 10Page - Semtech Corporation SC563 Datasheet HTML 11Page - Semtech Corporation SC563 Datasheet HTML 12Page - Semtech Corporation SC563 Datasheet HTML 13Page - Semtech Corporation SC563 Datasheet HTML 14Page - Semtech Corporation SC563 Datasheet HTML 15Page - Semtech Corporation SC563 Datasheet HTML 16Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SC563
2
General Description
The SC563 is a dual output linear regulator with low
dropout voltage, low supply current, and low output
noise. The device provides a simple, low cost solution with
minimal PCB area. It has a miniature package size and
needs four µF 0402 size external capacitors for its input
and output.
The dual LDOs are powered from separate input supply
pins. Each LDO provides up to 300mA output current.
Power On and Off Control and Turn-on Delay
The SC563 device has separate enable pins (EN and EN2)
that control the LDO outputs respectively. Pulling enable
pin high will enable the device when the Vin is above the
its UVLO level at about 2.4V. Pulling this pin low causes
the device to shutdown where it typically draws 00nA
from the input supply.
When the enable pins are connected to the input voltage
supply, the device turn-on and turn-off has two voltage
thresholds to overcome. At the turn-on event, the enable
pin voltage needs to be greater than the enable threshold
and the Vin voltage needs to be higher than the UVLO.
The higher of the two voltages, which is the UVLO,
determines the turn on time. At turn-off, the first
condition of either enable threshold low or the VIN UVLO
will determine the turn-off event.
After the enable goes high, the IC has a delay time before
the output voltage ramps up. The delay is typically
between 20µs to 50µs. The 50µs is related to the lower
Vin condition.
With uF output capacitor (capacitor part number:
GRM55R6A05kE5) at no load conditions, the output
voltage ramp time is typically at 5µs. The device has an
internal discharge MOSFET to discharge the output
voltage at disable, the typical discharge time is at 2ms.
The enable and disable waveforms are illustrated in Figure
 and the Oscilloscope waveform is shown in the Typical
Characteristics.
The Output Noise
LDO’s noise generally is characterized through noise
spectral density (NSD) and total RMS value in the
frequency band between 0Hz to 00kHz. The noise
spectral density can be measured using a network
analyzer with active probes. The RMS noise value is
obtained from the noise spectral density curve by taking
the square root of the area within the frequency range
from 0Hz to 00kHz.
The normalized output noise for SC563 is at a typical
value of 00µVrms/V. The generalized output voltage
noise can be approximated by: V
rms=Vout*00 µV.
Protection Features
The SC563 provides protection features to ensure that no
damage is incurred in the event of a fault condition. These
functions include:
Under-Voltage Lockout
Over-Temperature Protection
Short-Circuit Protection with peak and fold-
back current limit
•
•
•
Applications Information
s
µ
140-510
15
s
µ
Enable
Vout
2ms
Figure 1 — Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com